Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12021 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM12021
Description  Low Noise Amplifier 1.5 - 1.6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM12021 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM12021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Low Noise Amplifier
1.5 - 1.6 GHz
Rev. 4
MAAM12021
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Noise Figure @ +25°C
VSWR @ 5 V, 8 mA, +25°C
Input IP3 @ +25°C
Typical Performance Curves
Gain @ 5 V, 8 mA
Noise Figure @ 5 V, 8 mA
Gain @ +25°C
16
18
20
22
24
1.3
1.4
1.5
1.6
1.7
1.8
3 VOLTS, 8mA
5 VOLTS, 8mA
5 VOLTS, 20mA
Frequency (GHz)
1.3
1.4
1.5
1.6
1.7
1.50
1.52
1.54
1.56
1.58
1.60
3 VOLT, 8mA
5 VOLT, 8mA
5 VOLT, 20mA
Frequency (GHz)
1
1.5
2
2.5
3
1.3
1.4
1.5
1.6
1.7
1.8
INPUT
OUTPUT
Frequency (GHz)
-9
-6
-3
0
3
1.50
1.52
1.54
1.56
1.58
1.60
3 VOLTS, 8mA
5 VOLTS, 8mA
5 VOLT, 20mA
Frequency (GHz)
1.0
1.3
1.6
1.9
2.2
1.50
1.52
1.54
1.56
1.58
1.60
+25 C
-40 C
+85 C
Frequency (GHz)
16
18
20
22
24
1.3
1.4
1.5
1.6
1.7
1.8
+25 C
-40 C
+85 C
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com