Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12031 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM12031
Description  Low Noise Amplifier 1.7 - 2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM12031 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM12031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier
1.7 - 2.0 GHz
Rev. V4
MAAM12031
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 6: TA = 25°C, Z0 = 50 Ω
, VDD = +5 V, PIN = -30 dBm
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
—
dB
18
20
22
Noise Figure
—
dB
—
1.65
2.00
Input VSWR
—
Ratio
—
1.7:1
—
Output VSWR
—
Ratio
—
1.7:1
—
Output 1 dB Compression
—
dBm
—
7
—
Input IP3
—
dBm
—
-1
—
Reverse Isolation
—
dB
—
38
—
Bias Current
—
mA
5
8
11
6. See 3 V data herein.
Absolute Maximum Ratings 7
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current 8
30 mA
Channel Temperature 9
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
7. Exceeding any one or combination of these limits may cause
permanent damage to this device.
8. Only if Pin 2 is used to increase current (See Note 5 herein).
9. Typical thermal resistance (θjc) = +165°C/W.
Application Schematic
Component List
Part
Value
Case Size
Manufacturer
C1
500 pF
0603
Murata
L1
15 nH
0805
Coilcraft
R1
(Optional)
35/40 Ω
0603
Panasonic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com