Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0048PCS Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0048PCS
Description  Low Noise Amplifier 1400 - 2000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0048PCS Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0048PCS Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier
1400 - 2000 MHz
Rev. V2
MAALSS0048
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
1500 MHz
1900 MHz
Min.
Typ.
Max.
Min.
Typ.
Max.
Gain
VDD = 3 Volts
dB
15
18
20
15
17.5
20
Noise Figure
VDD = 3 Volts
dB
—
1.60
2.00
—
1.65
2.00
Input VSWR
—
Ratio
—
2.2:1
—
—
1.5:1
—
Output VSWR
—
Ratio
—
1.5:1
—
—
1.5:1
—
Output 1 dB Compression
VDD = 3 Volts
dBm
—
1
—
—
0
—
Input IP3
dBm
—
-5.0
—
—
-6.0
—
Reverse Isolation
—
dB
—
35
—
—
35
—
Drain Current
VDD = 3 Volts
mA
4.5
6.5
10
4.5
6.5
10
VDD = 3 Volts
Electrical Specifications3: TA = +25°C, Z0 = 50 Ω, Pin = -30 dBm
3. Using external 15 Ω resistor. See Functional Schematics.
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current6
30 mA
Channel Temperature7
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. When pin #5 is used to increase current (see note 8).
7. Thermal resistance (
θjc) = +150°C/W
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free SOT-26†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com