Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP364 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP364
Description  DECT First IF Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP364 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP364 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For DECT First IF Filters (F-11 Package)
Electrical Characteristic:
Characteristic
Sym
Unit
Spec
Nominal Center Frequency
F0
MHz
364.65
3dB Bandwidth(from f0)
∆F
3dB
KHz
±500
Stop Band Attenuation (from peak level)
1) at F0-20MHz
2) at F0-10MHz
3) at F0
±4.00MHz
4) at F0
±10MHz
5) at F0+30MHz
dB
50min
35min
10min
20min
50min
Insertion Loss(at minimum loss point)
IL
dB
3.5max
Group Delay Deviation(with F0
±500kHz)
∆T
us
0.7max
Input/Output Impedance (Nominal)
See fig1
Input/Output Impedance(fig1):
F-11 Package(fig2):
L1=12nH
This may be changed according to PCB
Frequency Characteristic(fig3):
      
SP364
320
330
340
350
360
370
380
390
400
410
-80
-70
-60
-50
-40
-30
-20
-10
Type performance
Frequency(MHz)


Similar Part No. - SP364

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
More results

Similar Description - SP364

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP233 SIPAT-SP233 Datasheet
54Kb / 1P
PHS First IF Filters
SP361 SIPAT-SP361 Datasheet
123Kb / 1P
DECT First IF Filters
SP903 SIPAT-SP903 Datasheet
30Kb / 1P
DECT RF Filters
SP959B SIPAT-SP959B Datasheet
43Kb / 1P
DECT RF Filters
SP1106 SIPAT-SP1106 Datasheet
60Kb / 1P
DECT First IF Filters
SP-233 SIPAT-SP-233 Datasheet
38Kb / 1P
PHS First IF Filters
SP361 SIPAT-SP361 Datasheet
124Kb / 1P
DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
SP903 SIPAT-SP903 Datasheet
32Kb / 1P
DECT RF Filters
SP959B SIPAT-SP959B Datasheet
44Kb / 1P
DECT RF Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com