Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8F2270B Datasheet(PDF) 21 Page - SONiX Technology Company

Part # SN8F2270B
Description  8-Bit Micro-Controller
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F2270B Datasheet(HTML) 21 Page - SONiX Technology Company

Back Button SN8F2270B Datasheet HTML 17Page - SONiX Technology Company SN8F2270B Datasheet HTML 18Page - SONiX Technology Company SN8F2270B Datasheet HTML 19Page - SONiX Technology Company SN8F2270B Datasheet HTML 20Page - SONiX Technology Company SN8F2270B Datasheet HTML 21Page - SONiX Technology Company SN8F2270B Datasheet HTML 22Page - SONiX Technology Company SN8F2270B Datasheet HTML 23Page - SONiX Technology Company SN8F2270B Datasheet HTML 24Page - SONiX Technology Company SN8F2270B Datasheet HTML 25Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
SN8F2270B Series
USB 2.0 Low-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 21
Version 1.2
2.1.3 DATA MEMORY (RAM)
192 X 8-bit RAM
Address
RAM location
000h
“
“
“
“
“
07Fh
General purpose area
BANK 0
080h
“
“
“
“
“
System register
BANK 0
0FFh
End of bank 0 area
80h~FFh of Bank 0 store
system registers (128
bytes).
100h
“
“
“
“
“
BANK1
140h
General purpose area
BANK1
24 x 8-bit RAM for USB DATA FIFO
24 x 8 RAM (USB FIFO)
00h
~
07h
Endpoint 0 RAM (8 byte)
10h
~
17h
Endpoint 1 RAM (8 byte)
18h
~
1Fh
Endpoint 2 RAM (8 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com