Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2301SRG Datasheet(PDF) 1 Page - Stanson Technology

Part # ST2301SRG
Description  P Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2301SRG Datasheet(HTML) 1 Page - Stanson Technology

  ST2301SRG Datasheet HTML 1Page - Stanson Technology ST2301SRG Datasheet HTML 2Page - Stanson Technology ST2301SRG Datasheet HTML 3Page - Stanson Technology ST2301SRG Datasheet HTML 4Page - Stanson Technology ST2301SRG Datasheet HTML 5Page - Stanson Technology ST2301SRG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST2301A
P Channel Enhancement Mode MOSFET
-3.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2301A 2005. V1
DESCRIPTION
ST2301A is the P-Channel logic enhancement mode power field effect transistor which is
produced using high cell density, DMOS trench technology.This high density process is
especially tailored to minimize on-state resistance.These devices are particularly suited for
low voltage application such as cellular phone and notebook computer power management,
other battery powered circuits, and low in-line power loss are required. The product is in
a very small outline surface mount package.
PIN CONFIGURATION
SOT-23
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23
Y: Year Code
A: Process Code
ORDERING INFORMATION
Part Number
Package
Part Marking
ST2301SRG
SOT-23
S01YA
※
Process Code ∶ A ~ Z ; a ~ z
※
ST2301SRG ∶ S : SOT23 R : Tape Reel ; G : Pb – Free
FEATURE
-
20V/-2.8A, RDS(ON) = 80mΩ (Typ.)
@VGS = -4.5V
-20V/-2.0A, RDS(ON) = 120mΩ
@VGS = -2.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-23 package design
3
1
2
D
G
S
3
1
2
S01YA


Similar Part No. - ST2301SRG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST2301SRG VBSEMI-ST2301SRG Datasheet
471Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - ST2301SRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP8803 SYNC-POWER-SPP8803 Datasheet
244Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com