Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2302MSRG Datasheet(PDF) 1 Page - Stanson Technology

Part # ST2302MSRG
Description  N Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2302MSRG Datasheet(HTML) 1 Page - Stanson Technology

  ST2302MSRG Datasheet HTML 1Page - Stanson Technology ST2302MSRG Datasheet HTML 2Page - Stanson Technology ST2302MSRG Datasheet HTML 3Page - Stanson Technology ST2302MSRG Datasheet HTML 4Page - Stanson Technology ST2302MSRG Datasheet HTML 5Page - Stanson Technology ST2302MSRG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST2302M
N Channel Enhancement Mode MOSFET
3.6A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2302M 2007. V1
1
DESCRIPTION
The ST2302M is the N-Channel logic enhancement mode power field effect transistor
are produced using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone
and notebook computer power management and other batter powered circuits, and
low in-line power loss are needed in a very small outine surface mount package.
PIN CONFIGURATION
SOT-23
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23
Y: Year Code
A: Process Code
ORDERING INFORMATION
Part Number
Package
Part Marking
ST2302MSRG
SOT-23
S02YA
※
Process Code : A ~ Z ; a ~ z
※
ST2302MSRG
S : SOT-23 ; R : Tape Reel ; G : Pb – Free
FEATURE
20V/3.6A, RDS(ON) = 90m-ohm (Typ.)
@VGS = 4.5V
20V/3.1A, RDS(ON) = 130m-ohm
@VGS = 2.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-23 package design
3
1
2
D
G
S
3
1
2
S02YA


Similar Part No. - ST2302MSRG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST2302MSRG VBSEMI-ST2302MSRG Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - ST2302MSRG

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9977 SYNC-POWER-SPN9977 Datasheet
283Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com