Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC4516 Datasheet(PDF) 3 Page - Stanson Technology

Part # STC4516
Description  Complementary Dual Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC4516 Datasheet(HTML) 3 Page - Stanson Technology

  STC4516 Datasheet HTML 1Page - Stanson Technology STC4516 Datasheet HTML 2Page - Stanson Technology STC4516 Datasheet HTML 3Page - Stanson Technology STC4516 Datasheet HTML 4Page - Stanson Technology STC4516 Datasheet HTML 5Page - Stanson Technology STC4516 Datasheet HTML 6Page - Stanson Technology STC4516 Datasheet HTML 7Page - Stanson Technology STC4516 Datasheet HTML 8Page - Stanson Technology STC4516 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STC4516
Complementary Dual Enhancement Mode MOSFET
8.5A for N Channel / -7.2A for P Channl
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STC4516 2008 V1
ELECTRICAL CHARACTERISTICS ( Ta = 25
Unless otherwise noted )
℃
P-Channel
Parameter
Symbol
Condition
Min
Typ
Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-1.0
-3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=+20V
+100
nA
VDS=-30V,VGS=0V
-1
Zero Gate Voltage Drain
Current
IDSS
VDS=-30V,VGS=0V
TJ=55℃
-5
uA
On-State Drain Current
ID(on)
VDS≥-5V,VGS=-10V
-40
A
Drain-source On-Resistance
RDS(on)
VGS=-10V,ID=-7.2A
VGS=-4.5V,ID=-5.6A
0.022
0.030
Ω
Forward Transconductance
gfs
VDS=-10V,ID=-7.2A
24
S
Diode Forward Voltage
VSD
IS=-2.3A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
16
Gate-Source Charge
Qgs
23
Gate-Drain Charge
Qgd
VDS=-15V,VGS=-10V
ID=-7.2A
4.5
nC
Input Capacitance
Ciss
1650
Output Capacitance
Coss
350
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V
f=1MHz
235
pF
16
30
Turn-On Time
Td(on)
tr
17
30
65
110
Turn-Off Time
Td(off)
tf
VDD=-15V,RL=15Ω
ID=-1A,VGEN=-10V
RG=6Ω
35
80
nS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com