Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM153 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMM153
Description  10-bit Digital Differential Voltage and Current Monitor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM153 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMM153 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM153 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SMM153
Preliminary Information
Summit Microelectronics, Inc
2.0 8/12/2008
11
I2C PROGRAMMING INFORMATION
SERIAL INTERFACE
Access to the configuration registers, general-purpose
memory and command and status registers is carried
out over an industry standard 2-wire serial interface
(I
2C). SDA is a bi-directional data line and SCL is a
clock input. Data is clocked in on the rising edge of
SCL and clocked out on the falling edge of SCL. All
data transfers begin with the most significant bit
(MSB). During data transfers SDA must remain stable
while SCL is high. Data is transferred in 8-bit packets
with an intervening clock period in which an
Acknowledge is provided by the device receiving data
(SMM153). The SCL high period (tHIGH) is used for
generating Start and Stop conditions that precede and
end most transactions on the serial bus. A high-to-low
transition of SDA while SCL is high is considered a
Start condition while a low-to-high transition of SDA
while SCL is high is considered a Stop condition.
The interface protocol allows operation of multiple
devices and types of devices on a single bus through
unique device addressing. The address byte is
comprised of a 4-bit device type identifier (slave
address) and a unique (three-state) 3-bit bus address.
The remaining bit indicates either a read or a write
operation. Refer to Table 1 for a description of the
address bytes used by the SMM153. Refer to Table 2
for an example of the unique address handling of the
SMM153.
The device type identifier for the memory array, the
configuration registers and the command and status
registers are accessible with the same slave address.
It can be set using the address pins as described in
Table 2.
The bus address bits A[2:0] are hard wired only
through address pins 2, 4 and 6 (A2, A1 and A0
respectively) or may be left open (Z) to allow for a total
of 21 distinct device addresses. The bus address
accessed in the address byte of the serial data stream
must match the setting on the SMM153 address pins.
WRITE
Writing to the memory or configuration registers is
illustrated in Figures 6, 7, 8, 10, 11 and 13. A Start
condition followed by the address byte is provided by
the host I
2C controller; the SMM153 responds with an
Acknowledge; the host then responds by sending the
memory address pointer or configuration register
address pointer; the SMM153 responds with an
acknowledge; the host then clocks in one byte of data.
For memory and configuration register writes, up to 15
additional bytes of data can be clocked in by the host
to write to consecutive addresses within the same
page. After the last byte is clocked in and the host
receives an Acknowledge, a Stop condition must be
issued to initiate the nonvolatile write operation.
READ
The address pointer for the configuration registers,
memory, command and status registers and ADC
registers must be set before data can be read from the
SMM153. This is accomplished by issuing a dummy
write command, which is simply a write command that
is not followed by a Stop condition. The dummy write
command sets the address from which data is read.
After the dummy write command is issued, a Start
command followed by the address byte is sent from
the host. The host then waits for an Acknowledge and
then begins clocking data out of the slave device
(SMM153). The first byte read is data from the
address pointer set during the dummy write command.
Additional bytes can be clocked out of consecutive
addresses with the host providing an Acknowledge
after each byte. After the data is read from the desired
registers, the read operation is terminated by the host
holding SDA high during the Acknowledge clock cycle
and then issuing a Stop condition. Refer to Figures 9,
12 and 14 for an illustration of the read sequence.
WRITE PROTECTION
The SMM153 powers up into a write protected mode.
Writing a code to the volatile write protection register
(write only) can disable the write protection. The write
protection register is located at address 38HEX. Writing
to the write protection register is shown in Figure 6.
Writing 0101BIN to bits [7:4] of the write protection
register allows writes to the general-purpose memory
while writing 0101BIN to bits [3:0] allow writes to the
configuration registers. Write protection is re-enabled
by writing other codes (not 0101BIN) to the write
protection register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com