Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4FCP305 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FCP305
Description  Flip Chip PIN Diode RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FCP305 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4FCP305 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FCP305 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FCP305 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Flip Chip PIN Diode
RoHS Compliant
Rev. V4
MA4FCP305
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Specifications Subject to Change Without Notice.
Electrical Specifications @ + 25 °C
Parameters @ Conditions
Symbol
Units
Min.
Typ.
Max.
Total Capacitance @ -10V, 1MHz1
CT
pF
0.060
Total Capacitance @ -10V, 1GHz1,3
CT
pF
0.050
Series Resistance @ +50mA2,3, 100MHz
RS
Ω
1.7
Series Resistance @ +50mA2,3, 1GHz
RS
Ω
2.1
Forward Voltage @ +100mA
VF
V
1.05
1.25
Reverse Voltage @ -10mA
VR
V
-40
-50
Reverse Current @ -40V
IR
mA
10
50 – 90 % Lifetime @ + 10mA / - 6mA
TL
ns
25
Steady State Thermal Resistance4
θ
° C/W
640
1. Total capacitance is equivalent to the sum of junction capacitance Cj and parasitic capacitance, Cp.
2. Series resistance RS is equivalent to the total diode series resistance including the junction resistance Rj.
3. Rs and Cp measured on an HP4291A with die mounted in an ODS-186 package.
4. Steady-state Thermal Resistance measured with die mounted in an ODS-186 package.
ESD
These devices very susceptible to ESD and are rated Class 0 (0-199V) per HBM MIL-STD-883, method 3015.7
[C = 100pF ±10%, R = 1.5kW ±1%]. Even though tested die pass 100V ESD, they must be handled in a
static-free environment.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com