Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTLH-008SCR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # LDTLH-008SCR
Description  1300nm Edge-Emitting LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LDTLH-008SCR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  LDTLH-008SCR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LDTLH-008SCR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDI Document #10-4400-0009 Rev. C 1/19/09
Absolute Maximum Ratings
Packaged Diode Characteristics
Note: 1. No Flange (NF) 2. Long Horn (LH)
Fibers have a 900um tight buffer jacket. Other fiber pigtails available upon request.
Personal Hazard and Handling Precautions:
Handle optical fiber with normal care, avoiding
stretch, tension, twist, kink or bend abuse. ESD
precautions apply.
Warranty:
Please refer to your product purchase
agreement for complete details or check
with your Laser Diode sales representative.
Notice:
Laser Diode Incorporated reserves
the right to make changes to the
products or information contained
herein without notice. No liability is
assumed as a result of their use or
application.
Part Ordering Information
Outline Drawings
No Flange (NF) Package
Products can be ordered directly from Laser Diode Inc. or its representatives. For a complete listing of representatives, visit
our website at www.laserdiode.com. When ordering, refer to the numbering sequence below.
LDT
362
362NF
60005
60005NF
Package Style
1,2
LH
NF
LH
NF
Pigtail
50/125
50/125
9/125
9/125
Operating Temperature
Storage Temperature
-40 to +85
-40 to +85
Units
Min.
Typ.
Max.
Forward Current
mA
-
-
200
Forward Voltage
V-
-
2
Soldering time at 260
oC
sec
-
-
10
Standard Long Horn (LH) Package
Dimensions: Inches [mm]
Detailed package drawings available upon request
Type
Package
Power
Connector
LDT
xx
-xxx
xx
R
362 (MM Coupled)
No designation = LH
040 = 40uW
RoHS Designator
NF = No Flange
080 = 80uW
or
60005 (SM Coupled) No designation = LH
- 004 = 4uW
RoHS Designator
NF = No Flange
008 = 8uW
Example: LDT 60005NF-004R
LED, 1300nm, 4uW, 14 pin-DIP, no flange
9/125/900 um pigtail, RoHS Compliant
FC
ST®
SC
SMA
Pin No.
Function
1,2,3,4,6,7,8,11,
12,13,14 No connection
5
LED anode (+), Ground
9
LED cathode (-)
10
Ground
PIN ASSIGNMENTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com