Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD93 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FD93
Description  Frequency Doubler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FD93 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FD93 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FD93 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. FD93 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Frequency Doubler
Rev. V2
FD93 / FD93C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• INPUT: 2 TO 9 GHz
• OUTPUT: 4 TO 18 GHz
• INPUT DRIVE LEVEL: +12 dBm (NOMINAL)
• HERMETICALLY-SEALED PACKAGE
Description
The FD93 is a passive bridge diode frequency doubler, designed
for use in the high volume commercial and test equipment appli-
cations.
The design utilizes Schottky bridge quad diodes and
broadband baluns to attain excellent performance.
The use of
high temperature solder and welded assembly processes used
internally makes it ideal for use in semi-automated and automated
assembly.
Environmental screening available to MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
FD93
Versapac
FD93C
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Pin = +12 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max)
fin = 2 to 4 GHz
fin = 4 to 9 MHz
dB
dB
10.0
12.0
13.0
14.0
13.5
14.5
Fundamental
Suppression (min)
fin = 2 to 9 GHz
dBc
25
18
16
Third Harmonic
Suppression
fin = 2 to 6 GHz
dBc
25
17
15
Input VSWR
fin = 2 to 9 GHz
1.5:1
Product Image


Similar Part No. - FD93

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
logo
M/A-COM Technology Solu...
FD93 MA-COM-FD93 Datasheet
760Kb / 3P
Frequency Doubler
logo
Tyco Electronics
FD93C MACOM-FD93C Datasheet
301Kb / 3P
Frequency Doubler
logo
M/A-COM Technology Solu...
FD93C MA-COM-FD93C Datasheet
760Kb / 3P
Frequency Doubler
FD93C MA-COM-FD93C Datasheet
755Kb / 3P
Frequency Doubler
More results

Similar Description - FD93

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD93H MACOM-FD93H Datasheet
321Kb / 3P
FREQUENCY DOUBLER
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
logo
Spectrum Microwave, Inc...
FD9XSMX-1 SPECTRUM-FD9XSMX-1 Datasheet
976Kb / 1P
Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
Frequency Doubler
logo
SYNERGY MICROWAVE CORPO...
SMX-C6 SYNERGY-SMX-C6 Datasheet
332Kb / 3P
FREQUENCY DOUBLER
SMX-C9 SYNERGY-SMX-C9 Datasheet
215Kb / 3P
FREQUENCY DOUBLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com