Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0039 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0039
Description  GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0039 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0039 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0039 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0039 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0039 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs DPDT Diversity Switch
4.5 - 6.0 GHz
Rev. V2
MASWSS0039
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V / 3 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4.9 GHz
5.2 GHz
5.8 GHz
dB
dB
dB
0.9
0.8
0.8
1.3
1.2
1.2
Isolation
4.9 GHz
5.2 GHz
5.8 GHz
dB
dB
dB
15
20
20
20
25
29
Return Loss
4.5 - 6.0 GHz
dB
15
25
P1dB
5.2 GHz, VC = 2.7 V
5.2 GHz, VC = 3.0 V
5.2 GHz, VC = 5.0 V
dBm
dBm
dBm
31
33
39
IP2
Two Tone, +15 dBm / tone, 5 MHz Spacing
5.2 GHz
dBm
98
IP3
Two Tone, +15 dBm / tone, 5 MHz Spacing
5.2 GHz, VC = 3 V
5.2 GHz, VC = 5 V
dBm
dBm
52
55
2
nd Harmonic
5.2 GHz, PIN = 20 dBm
dBc
-85
3
rd Harmonic
5.2 GHz, PIN = 20 dBm
dBc
-83
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
20
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
nS
nS
35
40
Control Current
|VC| = 3 V
µA
5
25
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Absolute Maximum
Input Power @ 3 V Control
+32 dBm
Input Power @ 5 V Control
+36 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings
3
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com