Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0068TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0068TR
Description  SPDT High Isolation CATV Switch 5 - 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0068TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0068TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0068TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0068TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0068TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0068TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SPDT High Isolation CATV Switch
5 - 1000 MHz
Rev. V1
MASWSS0068
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Pin Configuration
5
PIN No.
PIN Name
Description
1
RF1
RF In/Out
2
GND
Ground
3
GND
Ground
4
GND
Ground
5
G1
RF Ground
6
V1
Control 1
7
GND
Ground
8
RFC
RF In/Out
9
GND
Ground
10
V2
Control 2
11
G2
RF Ground
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
RF2
RF In/Out
16
GND
Ground
17
GT2
RF Ground
18
GND
Ground
19
GT1
RF Ground
20
GND
Ground
C1 – C3 = 0.01 uF, RF Bypass Capacitors
C4 – C9 = 0.01 uF, Logic Control Decoupling Capacitors
(All capacitors are Panasonic ECJ-OEF1H1032 or equivalent)
Application Schematic
GND
GND
RF1
GT1
GND
GND
G1
V1
GND
RFC
GND
V2
G2
GND
GND
GND
RF2
GT2
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
C1
C2
C3
C4
C8
C6
C7
C5
C9
GND
GND
RF1
GT1
GND
GND
G1
V1
GND
RFC
GND
V2
G2
GND
GND
GND
RF2
GT2
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
C1
C2
C3
C4
C8
C6
C7
C5
C9
Qualification
Qualified to M/A-COM Specification Rel 201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium arsenide integrated circuits are sensitive to
electrostatic discharge (ESD) and can be damaged
by static electricity.
Use proper ESD control
precautions when handling these devices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com