Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0093 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0093
Description  GaAs Broadband SPDT Switch DC - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0093 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0093 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0093 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0093 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Broadband SPDT Switch
DC - 6.0 GHz
Rev. V2
MASWSS0093
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V / 3 V, PIN = 0 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2.4 GHz
5.3 GHz
5.8 GHz
dB
dB
dB
—
—
—
0.70
0.85
0.85
1.05
1.20
1.20
Isolation
2.4 GHz
5.3 GHz
5.8 GHz
dB
dB
dB
24
23
21
29
28
26
—
—
—
Return Loss
DC - 6.0 GHz
dB
—
20
—
IP2
Two Tone, +15 dBm/Tone, 5 MHz Spacing, >50 MHz
2.4 GHz, VC = 3.0 V
5.8 GHz, VC = 3.0 V
2.4 GHz, VC = 5.0 V
5.8 GHz, VC = 5.0 V
dBm
dBm
dBm
dBm
—
—
—
—
98
81
107
87
—
—
—
—
IIP3
Two Tone, +15 dBm/Tone, 5 MHz Spacing, >50 MHz
2.4 GHz, VC = 3.0 V
5.8 GHz, VC = 3.0 V
2.4 GHz, VC = 5.0 V
5.8 GHz, VC = 5.0 V
dBm
dBm
dBm
dBm
—
—
—
—
57
53
57
54
—
—
—
—
Input P-1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
40
36
37
—
—
—
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
nS
—
55
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
—
80
—
Transients
—
mV
—
14
—
Control Current
|VC| = 3 V
µA
—
15
25
2nd Harmonic
2.4 GHz, PIN = +20 dBm
5.8 GHz, PIN = +20 dBm
dBm
dBm
—
—
-72
-69
—
—
3rd Harmonic
2.4 GHz, PIN = +20 dBm
5.8 GHz, PIN = +20 dBm
dBm
dBm
—
—
-85
-75
—
—
Control V1
Control V2
RFC– RF1 RFC—RF2
1
0
On
Off
0
1
Off
On
Truth Table
6,7,8
5.
For
positive
voltage
control,
external
DC
blocking
capacitors are required on all RF ports.
6.
Differential voltage, V (state 1) - V (state 0), must be
+2.7 V minimum and must not exceed +5 V.
7.
0 = 0 ± 0.2 V, 1 = +2.9 V to +5 V.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com