Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0107 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0107
Description  GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0107 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0107 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0107 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0107 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0107 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Broadband DPDT Diversity Switch
1.0 - 6.0 GHz
Rev. V1
MASWSS0107
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω , VC = 0 V / 3 V, 5 pF Capacitor
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
2.4 GHz
2 - 4 GHz
4 - 5 GHz
4.9 - 6 GHz
dB
dB
dB
dB
1.0
1.1
1.2
1.2
1.3
Isolation
(Input to Output)
One Path Active
2.4 GHz
4.9 - 6 GHz
dB
dB
36
38
32
Isolation
(Input to Output)
Both Paths Active
2.4 GHz
4.9 - 6 GHz
dB
dB
33
27
Isolation
(Antenna to Antenna)
(Tx - Rx)
One Path Active
2.4 GHz
4.9 - 6 GHz
2.4 GHz
4.9 - 6 GHz
dB
dB
dB
dB
31
22
30
27
Isolation
(Antenna to Antenna)
(Tx - Rx)
Both Paths Active
2.4 GHz
4.9 - 6 GHz
2.4 GHz
4.9 - 6 GHz
dB
dB
dB
dB
25
20
25
27
Return Loss
2.4 GHz
4.9 - 6 GHz
dB
dB
21
19
IP2
Two Tone, 15 dBm/tone, 5 MHz Spacing
2.4 GHz
4.9 - 6 GHz
dBm
dBm
91
90
IP3
Two Tone, 15 dBm/tone, 5 MHz Spacing
2.4 GHz
4.9 - 6 GHz
dBm
dBm
53
51
Input P0.1dB
2.4 GHz
4.9 - 6 GHz
dBm
dBm
27
29
Input P1dB
2.4 GHz
4.9 - 6 GHz
dBm
dBm
33
32
2
nd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBm
dBm
-77
-75
3
rd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBm
dBm
-76
-78
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
80
70
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
97
Transients
mV
14
Control Current
|Vc| = 3 V
µA
1
10
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com