Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHF-RAA10-131NB-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # DHF-RAA10-131NB-FA
Description  Half Pitch Low Profile Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DHF-RAA10-131NB-FA Datasheet(HTML) 1 Page - DDK Ltd.

  DHF-RAA10-131NB-FA Datasheet HTML 1Page - DDK Ltd. DHF-RAA10-131NB-FA Datasheet HTML 2Page - DDK Ltd. DHF-RAA10-131NB-FA Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
・Low profile, 3mm thinner than DHA series connector
・"D" shaped shell polarization to prevent from mis-mating.
・High reliable, scoop-proof cantilever contact design
・Plastic hood with inner shell for ESD protection
・One touch locking mechanism
・Easy termination by assembly tools
DHF series is a half pitch interface
connector which is low profile EMI
shielded for small and high density
applications.
RoHS
Compliant
RoHS
Compliant
Half Pitch Low Profile Connectors
DHF Series
Rated Voltage
250V AC(r.m.s.)
Rated Current
0.5A / Contact
Dielectric Withstanding Voltage
500V AC(r.m.s.) at 1 minute
Insulation Resistance
500M Ω min. at 500V DC
Contact Resistance
35m Ω max.
Applicable Cable
AWG#28, 7/0.127 Stranded Cable φ 0.58mm
Item
Material / Finish
Contact
Copper Alloy / Au Plating
Front Shell
Brass / Ni Plating
Insulator
LCP Resin or Polyamide Resin / Black
Cover
Polyamide Resin / Black
Inner Shell
Steel / Ni Plating
Hood
ABS Resin
Lock Lever
Stainless Steel + ABS Resin
Cable Clamp
Steel / Sn-Ag Plating
Locator
PBT Resin or LCP Resin / Black
Ground Tab
Copper Alloy / Ni Plating
Lock Screw and Nut
Steel / Ni Plating
SPECIFICATIONS
FEATURE
MATERIAL / FINISH
090703
OUTLINE


Similar Part No. - DHF-RAA10-131NB-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DHF-RAA10-131NB-FA DDK-DHF-RAA10-131NB-FA Datasheet
536Kb / 3P
Half Pitch Low Profile Connectors
More results

Similar Description - DHF-RAA10-131NB-FA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF26A1.2-09CP-1.1V HIROSE-DF26A1.2-09CP-1.1V Datasheet
1Mb / 6P
1.1mm Pitch Low Profile Compression Connectors
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
logo
DDK Ltd.
HU5-100PNA-R51TD20-FA DDK-HU5-100PNA-R51TD20-FA Datasheet
153Kb / 2P
2.54mm Pitch Low Profile Pin Header Connectors
LPC-LP-0.8DQEW DDK-LPC-LP-0.8DQEW Datasheet
187Kb / 2P
Low-profile Coaxial Connectors
logo
Omron Electronics LLC
XH3 OMRON-XH3 Datasheet
1Mb / 10P
Half-pitch Board-to-Board Connectors
XH4A OMRON-XH4A Datasheet
885Kb / 8P
Half-pitch Low-profile Stacking Connectors
logo
E-SWITCH
KAN E-SWITCH-KAN Datasheet
818Kb / 2P
HALF-PITCH LOW PROFILE DIP SWITCHES
logo
Omron Electronics LLC
A6H4102P OMRON-A6H4102P Datasheet
393Kb / 4P
Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
logo
DDK Ltd.
DHF-PDA10-1-A01-FA DDK-DHF-PDA10-1-A01-FA_14 Datasheet
536Kb / 3P
Half Pitch Low Profile Connectors
logo
Omron Electronics LLC
XH2 OMRON-XH2 Datasheet
327Kb / 8P
Half-pitch Board-to-Board Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com