Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR4151CP Datasheet(PDF) 9 Page - Exar Corporation

Part # XR4151CP
Description  Voltage-to-Frequency Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR4151CP Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR4151CP Datasheet HTML 4Page - Exar Corporation XR4151CP Datasheet HTML 5Page - Exar Corporation XR4151CP Datasheet HTML 6Page - Exar Corporation XR4151CP Datasheet HTML 7Page - Exar Corporation XR4151CP Datasheet HTML 8Page - Exar Corporation XR4151CP Datasheet HTML 9Page - Exar Corporation XR4151CP Datasheet HTML 10Page - Exar Corporation XR4151CP Datasheet HTML 11Page - Exar Corporation XR4151CP Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
;5

3URJUDPPLQJ WKH ;5
7KH ;5 FDQ EH SURJUDPPHG WR RSHUDWH ZLWK D IXOO
VFDOH IUHTXHQF\ DQ\ZKHUH IURP +] WR N+] ,Q WKH
FDVH RI WKH 9)& FRQILJXUDWLRQ QHDUO\ DQ\ IXOO VFDOH LQSXW
YROWDJH IURP 9 DQG XS FDQ EH WROHUDWHG LI SURSHU
VFDOLQJ LV HPSOR\HG +HUH LV KRZ WR GHWHUPLQH FRPSRQHQW
YDOXHV IRU DQ\ GHVLUHG IXOO VFDOH IUHTXHQF\
 6HW 56 N: RU XVH D . UHVLVWRU DQG . SRW DV
VKRZQ LQ WKH ILJXUHV 7KH RQO\ H[FHSWLRQ WR WKLV LV
)LJXUH  
 6HW 7 k5k& >IR@ ZKHUH IR LV WKH GHVLUHG
IXOO VFDOH IUHTXHQF\ )RU RSWLPXP SHUIRUPDQFH PDNH
N: !5 ! N: DQG P) &  P)
 D )RU WKH FLUFXLW RI )LJXUH  PDNH &%
 >IR@
)DUDGV
6PDOOHU YDOXHV RI &% ZLOO JLYH D IDVWHU UHVSRQVH
WLPH EXW ZLOO DOVR LQFUHDVH WKH IUHTXHQF\ RIIVHW DQG
QRQOLQHDULW\
E )RU WKH DFWLYH LQWHJUDWRU FLUFXLW PDNH
&, [  >IR@ )DUDGV
7KH RSHUDWLRQDO DPSOLILHU LQWHJUDWRU PXVW KDYH D
VOHZ UDWH RI DW OHDVW  [  >&@ YROWV SHU
VHFRQG ZKHUH WKH YDOXH RI & LV LQ )DUDGV
 D )RU WKH FLUFXLW RI )LJXUH  NHHS WKH YDOXHV RI 5%
DV VKRZQ DQG XVH DQ LQSXW DWWHQXDWRU WR JLYH
WKH GHVLUHG IXOO VFDOH LQSXW YROWDJH
E )RU WKH SUHFLVLRQ PRGH FLUFXLW RI )LJXUH  VHW 5%
9,2P$ ZKHUH 9,2 LV WKH IXOO VFDOH LQSXW YROWDJH
$OWHUQDWHO\ WKH RSHUDWLRQDO DPSOLILHU LQYHUWLQJ LQSXW
VXPPLQJ QRGH FDQ EH XVHG DV D FXUUHQW LQSXW
ZLWK WKH IXOO VFDOH LQSXW FXUUHQW ,,2 P$
 )RU WKH )9&·V SLFN WKH YDOXH RI &% RU &, WR JLYH WKH
RSWLPXP WUDGHRII EHWZHHQ WKH UHVSRQVH WLPH DQG
RXWSXW ULSSOH IRU WKH SDUWLFXODU DSSOLFDWLRQ
'HVLJQ ([DPSOH
, 'HVLJQ D SUHFLVLRQ 9)& IURP )LJXUH  ZLWK
IR N+] DQG 9,2 9
 6HW 56 N:
 7  >@ PVHF
/HW 5 N: DQG & P)
 &, [  >@ S)
2S DPS VOHZ UDWH PXVW EH DW OHDVW
65  [  >S)@ 9PVHF
 5% 9P$ N:
,, 'HVLJQ D SUHFLVLRQ 9)& ZLWK IR +] DQG 9,2 9
 /HW 56 N:
 7  >@  VHF
/HW 5 N: DQG & P)
 &, [ >@) P)
 5% N:
,,, 'HVLJQ D VLQJOH VXSSO\ )9& WR RSHUDWH ZLWK D VXSSO\
YROWDJH RI 9 DQG IXOO VFDOH LQSXW IUHTXHQF\ IR
+] 7KH RXWSXW YROWDJH PXVW UHDFK DW OHDVW 
RI LWV ILQDO YDOXH LQ PVHF 'HWHUPLQH WKH RXWSXW
ULSSOH
 6HW 56 N:
 7  >@ PVHF
/HW 5 N: DQG &2 P)
 6LQFH WKLV )9& PXVW RSHUDWH IURP 9 ZH VKDOO
PDNH WKH IXOO VFDOH RXWSXW YROWDJH DW SLQ  HTXDO WR
9
 5% 9P$ N:
 2XWSXW UHVSRQVH WLPH FRQVWDQW LV W5 { PVHF
7KHUHIRUH
&% { W55%  [    [  P)
:RUVW FDVH ULSSOH YROWDJH LV
95 PV [ P$ P) P9
Rev. 3.0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com