Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7620 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP7620
Description  4-Channel Adjustable Current I2C Controlled LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7620 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP7620 Datasheet HTML 3Page - Exar Corporation XRP7620 Datasheet HTML 4Page - Exar Corporation XRP7620 Datasheet HTML 5Page - Exar Corporation XRP7620 Datasheet HTML 6Page - Exar Corporation XRP7620 Datasheet HTML 7Page - Exar Corporation XRP7620 Datasheet HTML 8Page - Exar Corporation XRP7620 Datasheet HTML 9Page - Exar Corporation XRP7620 Datasheet HTML 10Page - Exar Corporation XRP7620 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
X
XR
RP
P7
76
62
20
0
4
4--C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt II2
2C
C C
Co
on
nttrro
olllle
ed
d L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
7/11
Rev. 1.0.0
Fig. 11: Line Regulation @ TA = 25oC
DAC = 111100 (30mA)
Fig. 12: Line Regulation @ TA = -40oC
DAC = 111100 (30mA)
Fig. 13: Line Regulation @ TA = 85oC
DAC = 111100 (30mA)
Fig. 14: Line Regulation @ TA = 25oC
DAC = 001010 (5mA)
Fig. 15: Line Regulation @ TA = -40oC
DAC = 001010 (5mA)
Fig. 16: Line Regulation @ TA = 85oC
DAC = 001010 (5mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com