Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR16V698 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR16V698
Description  2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V698 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR16V698 Datasheet HTML 17Page - Exar Corporation XR16V698 Datasheet HTML 18Page - Exar Corporation XR16V698 Datasheet HTML 19Page - Exar Corporation XR16V698 Datasheet HTML 20Page - Exar Corporation XR16V698 Datasheet HTML 21Page - Exar Corporation XR16V698 Datasheet HTML 22Page - Exar Corporation XR16V698 Datasheet HTML 23Page - Exar Corporation XR16V698 Datasheet HTML 24Page - Exar Corporation XR16V698 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
XR16V698
21
REV. 1.0.3
2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
2.16
Internal Loopback
Each UART channel provides an internal loopback capability for system diagnostic purposes. The internal
loopback mode is enabled by setting MCR register bit-4 to logic 1. All regular UART functions operate normally.
Figure 11
shows how the modem port signals are re-configured. Transmit data from the transmit shift register
output is internally routed to the receive shift register input allowing the system to receive the same data that it
was sending. The TX pin is held at HIGH or mark condition while RTS# and DTR# are de-asserted (HIGH),
and CTS#, DSR# CD# and RI# inputs are ignored.
FIGURE 11. INTERNAL LOOP BACK
TX [7:0]
RX [7:0]
RTS# [7:0]
MCR bit-4=1
VCC
VCC
VCC
Transmit Shift
Register
Receive Shift
Register
CTS# [7:0]
DTR# [7:0]
DSR# [7:0]
RI# [7:0]
CD# [7:0]
OP1#
OP2#
RTS#
CTS#
DTR#
DSR#
RI#
CD#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com