Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-702-ECT-SCA Datasheet(PDF) 2 Page - Vectron International, Inc

Part # PS-702-ECT-SCA
Description  SAW Based Clock Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-702-ECT-SCA Datasheet(HTML) 2 Page - Vectron International, Inc

  PS-702-ECT-SCA Datasheet HTML 1Page - Vectron International, Inc PS-702-ECT-SCA Datasheet HTML 2Page - Vectron International, Inc PS-702-ECT-SCA Datasheet HTML 3Page - Vectron International, Inc PS-702-ECT-SCA Datasheet HTML 4Page - Vectron International, Inc PS-702-ECT-SCA Datasheet HTML 5Page - Vectron International, Inc PS-702-ECT-SCA Datasheet HTML 6Page - Vectron International, Inc PS-702-ECT-SCA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Performance Specifications
Table 1: Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage 2, 3
V
CC
2.97
3.3
3.63
V
Current (No Load) 3
I
CC
55
70
mA
Frequency
Nominal Frequency 1, 2
f
N
150
1000
MHz
Frequency Stability 1, 2
(Ordering Option)
f
STAB
±50, ±100
ppm
Aging 6, 8
10
ppm
Outputs
Mid Level - LVPECL 2, 3
V
CC
-1.4
V
CC
-1.25
V
CC
-1.0
V
Swing - LVPECL 2, 3
450
600
750
mV-pp
Mid Level - LVDS 2, 3
V
CC
-1.2
V
Swing - LVDS 2, 3
250
450
mV-pp
Current 6
I
OUT
20
mA
Rise Time 5, 6
t
R
500
ps
Fall Time 5, 6
t
F
500
ps
Symmetry 2, 3
SYM
45
50
55
%
Jitter 6, 7
(12 kHz - 20 MHz BW) 622.08 MHz
фJ
0.100
0.250
ps-rms
Jitter 6, 7
(50 kHz - 80 MHz BW) 622.08 MHz
фJ
0.120
0.300
ps-rms
Period Jitter 9, RMS (622.08 MHz)
фJ
2.5
3.0
ps-rms
Period Jitter 9, Peak - Peak (622.08 MHz)
фJ
16
24
ps pk-pk
Operating Temperature 1
T
OP
0/70, -20/70 or -40/85
°C
Package Size
5.0 x 7.5 x 2.0
mm
Fig 1: Test Circuit
Fig 2: LV-PECL Waveform
See Standard Frequencies and Ordering Information tables (Pg 7) for more specific information
1]
Parameters are tested with production test circuit below (Fig 1).
2]
Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature.
3]
Measured as the maximum deviation from the best straight-line fit, per MIL-0-55310.
4]
Measured from 20% to 80% of a full output swing (Fig 2).
5]
Not tested in production, guaranteed by design, verified at qualification.
6]
Integrated across stated bandwidth per GR-253-CORE Issue4.
7]
Tested with Vc = 0.3V to 3.0V unless otherwise stated in part description
8]
Broadband Period Jitter measured using Lecroy Wavemaster 8600A 6 GHz Oscilloscope, 250K samples taken
9]
1
2
3
6
5
4
50
Ω
50
Ω
Test Circuit Notes:
1) To Permit 50
Ω Measurement of Outputs, all DC Inputs are Biased Down 1.3V.
2) All Voltage Sources Contain Bypass Capacitors to Minimize Supply Noise.
3) 50
Ω Terminations are Within Test Equipment.
(-1.3V, +2.0V)
No connect
(-1.3V)
(+2.0V)
COutput
Output
Enable, Disable
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2 of 7
Rev: 08May2009
t
R
t
F
V
OH
V
OL
50%
On Time
Period



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com