Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2N-17 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CSM2N-17
Description  Low Cost High IP3 Mixer for Next Generation Base Station/Repeater Applications (2.5 & 3G)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CSM2N-17 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CSM2N-17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CSM2N-17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CSM2N-17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Cost High IP3 Mixer for Next Generation
Base Station/Repeater Applications (2.5 & 3G)
Rev. V3
CSM2N-17
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• RF 1900 to 2200 MHz
• LO 1500 to 2200 MHz
• IF 160 to 390 MHz
• LO Drive +17 dBm (nominal)
• High Intercept +32 dBm (typ)
• +260°C Reflow Compatible
Description
The CSM2N-17 is a double balanced mixer, designed for use in
the high volume wireless applications. The design utilizes Schot-
tky ring quad diodes and broadband baluns to attain excellent
performance.
Ordering Information
Part Number
Package
CSM2N-17
Surface Mount
Product Image
Electrical Specifications: Z0 = 50Ω Lo = +17 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion
Loss (max)
fR = 1.9 GHz to 2.2 GHz, fL = 1.52 to 2.01 GHz , fI = 190 to 380 MHz
dB
7.3 dB
8.0
8.5
SSB Noise Figure
dB
L - R Isolation
(min)
fL = 1.5 to 2.2 GHz
dB
43
40
38
L - I Isolation (min)
fL = 1.5 to 2.2 GHz
dB
39
35
33
1 dB Conversion
Comp.
fL = +17 dBm
dBm
+10
Input IP3
fR1 = 1.73 to 1.79 GHz, fR2 = 1.92 to 1.98 GHz, fL = 190 MHz
dBm
+32
+30
R-Port VSWR
fR = 1.9 to 2.2 GHz
1.4:1
L-Port VSWR
fL = 1.5 to 2.2 GHz
1.8:1
I-Port VSWR
fI = 160 to 390 MHz
1.2:1
Within 1 dB of conversion loss


Similar Part No. - CSM2N-17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM2N-17 MACOM-CSM2N-17 Datasheet
201Kb / 3P
Low Cost High IP3 Mixer for Next Generation Base Station/Repeater Applications(2.5,3G)
More results

Similar Description - CSM2N-17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM1-10 MACOM-CSM1-10 Datasheet
209Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM1-13 MACOM-CSM1-13 Datasheet
209Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM1-17 MACOM-CSM1-17 Datasheet
211Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM2N-17 MACOM-CSM2N-17 Datasheet
201Kb / 3P
Low Cost High IP3 Mixer for Next Generation Base Station/Repeater Applications(2.5,3G)
logo
M/A-COM Technology Solu...
CSM1-10 MA-COM-CSM1-10 Datasheet
98Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM1-13 MA-COM-CSM1-13 Datasheet
97Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM11-13 MA-COM-CSM11-13 Datasheet
86Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM1-10 MA-COM-CSM1-10 Datasheet
98Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM1-13 MA-COM-CSM1-13 Datasheet
97Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com