Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF20-19A-R11A Datasheet(PDF) 2 Page - DDK Ltd.

Part # FF20-19A-R11A
Description  0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF20-19A-R11A Datasheet(HTML) 2 Page - DDK Ltd.

  FF20-19A-R11A Datasheet HTML 1Page - DDK Ltd. FF20-19A-R11A Datasheet HTML 2Page - DDK Ltd. FF20-19A-R11A Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.ddknet.co.jp
Unit:mm
FF20 Series
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○Ultra Low Profile Back Lock Connector
2
FF20- □□ A-R11A
① Series
 FF20
② Number of Contact
Please refer to table-1
③ Contact Position
 A:Upper Contact
④ Contact Style
R:Right Angle
⑤ Contact Tail Length
1:0.45mm
⑥ Contact Plating
1:Au (Flash) over Ni Plating
⑦ Lock Lever Style
A:Standard
Part Number
①②
③
④ ⑤ ⑥ ⑦
0.30 0.10
B 0.10
C
A
No.1 Contact
No.(n) Contact
0.60
0.60
0.30
B
0.20 X
X
3.80
3.45
1.35
0.45
0.55
1.65
Odd Number of Contact
1.00
Even Number of Contact
0.12 0.03
0.12 0.03
No.1 Contact
No.(n) Contact
No.(n-1) Contact
No.2 Contact
0.20 X
B 0.10
C
A
3.80
3.45
0.30 0.10
No.(n) Contact
No.1 Contact
No.2 Contact
No.(n) Contact
No.(n-1) Contact
No.1 Contact
0.60
0.12 0.03
B
0.12 0.03
0.30
0.60
X
0.20 X
0.20 X
Even Number of Contact
Odd Number of Contact



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com