Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM12-13 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CSM12-13
Description  Low Cost High IP3 Mixer for PCS/WLL Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CSM12-13 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CSM12-13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CSM12-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CSM12-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Cost High IP3 Mixer for
PCS/WLL Applications
Rev. V2
CSM12-13
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO & RF 1800 to 2000 MHz
• IF 10 to 150 MHz
• LO Drive +13 dBm (nominal)
• Surface Mount
• High Intercept +22 dBm (typ)
Description
The CSM12-13 is a double balanced mixer, designed for use in
the high volume wireless applications. The design utilizes Schot-
tky ring quad diodes and broadband baluns to attain excellent
performance. The use of high temperature solder assembly proc-
esses used internally makes it ideal for use in semi-automated
and automated assembly.
Ordering Information
Part Number
Package
CSM12-13
Surface Mount
Product Image
Electrical Specifications: Z0 = 50Ω Lo = +13 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max)
fR = 1800 to 2000 MHz, fL = 1800 to 2000 MHz, fI = 60 MHz
dB
6.7 dB
8.0
8.5
SSB Noise Figure
(max)
Within 1 dB of conversion loss
dB
____
____
____
L - R Isolation (min)
fL = 1800 to 2000 MHz
dB
30
25
23
L - I Isolation (min)
fL = 1800 to 2000 MHz
dB
28
24
22
R - I Isolation (min)
fR = 1800 to 2000 MHz
dB
20
1 dB Conversion Comp.
fL = +13 dBm
dBm
+8
Input IP3
fR1 = 1800 to 2000 MHz, fR2 = 1800 to 2000 MHz, fL = 10 to 150 MHz
dBm
+22
R-Port VSWR
fR = 1800 to 2000 MHz
1.5:1
L-Port VSWR
fL =1800 to 2000 MHz
2.5:1
I-Port VSWR
fI = 10 to 150 MHz
1.75:1


Similar Part No. - CSM12-13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM12-13 MACOM-CSM12-13 Datasheet
174Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
More results

Similar Description - CSM12-13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM2-10 MACOM-CSM2-10 Datasheet
236Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
CSM2-13 MACOM-CSM2-13 Datasheet
216Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
CSM2-17 MACOM-CSM2-17 Datasheet
214Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
CSM11-13 MACOM-CSM11-13 Datasheet
171Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
CSM12-13 MACOM-CSM12-13 Datasheet
174Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
logo
M/A-COM Technology Solu...
CSM1-10 MA-COM-CSM1-10 Datasheet
98Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
Low Cost High IP3 Mixer for Cellular Applications
CSM2-10 MA-COM-CSM2-10 Datasheet
91Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
CSM2-13 MA-COM-CSM2-13 Datasheet
100Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
CSM2-17 MA-COM-CSM2-17 Datasheet
100Kb / 3P
Low Cost High IP3 Mixer for PCS/WLL Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com