Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX-2600-NET-FB Datasheet(PDF) 2 Page - Vectron International, Inc

Part # PX-2600-NET-FB
Description  Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-2600-NET-FB Datasheet(HTML) 2 Page - Vectron International, Inc

  PX-2600-NET-FB Datasheet HTML 1Page - Vectron International, Inc PX-2600-NET-FB Datasheet HTML 2Page - Vectron International, Inc PX-2600-NET-FB Datasheet HTML 3Page - Vectron International, Inc PX-2600-NET-FB Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
RF Output
Output
Output taken directly from 10K,
10KH, ECLinPS or ECLinPS Lite
gate, depending on temperature
and frequency range. Comple-
mentary outputs standard
@ -5.2V
Output
Output taken directly from 100K,
ECLinPS or ECLinPS Lite gate,
depending on temperature and
frequency range. Complemen-
tary outputs standard.
@ -4.5V
Output (Standard)
(Option)
+7
+13
dBm
dBm
@ +15V
(custom number required)
Additional Parameters1
Phase Noise3 (typical 4-100 MHZ)
-100
-125
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
100 Hz
1 kHz
10 kHz
50 kHz
Screen Testing of Above Models
SCREEN TEST
MIL-STD-883
METHOD
Standard
Options
CLASS “X”
CLASS “B”
CLASS “S”
Stabilization Bake (150°C)
—
X
X
Class S screen test requirements include
24 hour additional bake-out, 80 hour addi-
tional burn-in, thermal shock, PIND test and
radiographic inspection in addition to Class B
Screening. Has major cost impact.
Seal Test (Gross and Fine)
1014, Cond A2
X
X
Temperature Cycling (Thermal Shock)
1010, Cond B
X
Burn-in, operating 160 hours @125°C
—
X
Acceleration (5000g in Y1 axis)
2001, Cond A
X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com