Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-2206 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR-2206
Description  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2206 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR-2206 Datasheet HTML 3Page - Exar Corporation XR-2206 Datasheet HTML 4Page - Exar Corporation XR-2206 Datasheet HTML 5Page - Exar Corporation XR-2206 Datasheet HTML 6Page - Exar Corporation XR-2206 Datasheet HTML 7Page - Exar Corporation XR-2206 Datasheet HTML 8Page - Exar Corporation XR-2206 Datasheet HTML 9Page - Exar Corporation XR-2206 Datasheet HTML 10Page - Exar Corporation XR-2206 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
XR-2206
7
Rev. 1.04
MINIMUM TIMING R
Figure 5. R versus Oscillation Frequency.
4V
4V
10M
1M
100K
10K
1K
10-2
10
102
MAXIMUM TIMING R
VCC / 2
DC Voltage At Pin 1
Frequency (Hz)
0
0.5
1.0
Figure 6. Normalized Output Amplitude
versus DC Bias at AM Input (Pin 1)
Figure 7. Trimmed Distortion versus
Timing Resistor.
Timing R K(
W)
0
1
2
3
4
5
1.0
10
100
103
C = 0.01
mF
Trimmed For Minimum
Distortion At 30 K
W
Figure 8. Sine Wave Distortion versus
Operating Frequency with
Timing Capacitors Varied.
10
100
1K
10K
100K
1M
0
1
2
3
4
5
Frequency (Hz)
R=3K
W
RL=10KW
NORMAL RANGE
TYPICAL VALUE
=0.5VRMS Pin 2
VOUT
104
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com