Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC82x52AS Datasheet(PDF) 7 Page - Megawin Technology Co., Ltd

Part # MPC82x52AS
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82x52AS Datasheet(HTML) 7 Page - Megawin Technology Co., Ltd

Back Button MPC82x52AS Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 11Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
7
P3.4 (ECI/T0)
8
BU
P3.4: =
General purpose 4-state I/O port with internal
pull-up
mechanism;
can
be
configured
as
open-drain output.
ECI: =
External Clock Input to Programmable Counter
Array (PCA)
T0: =
Alternative clock input to timer-0
P3.5 (CEX1/T1)
9
BU
P3.5: =
General purpose 4-state I/O port with internal
pull-up
mechanism;
can
be
configured
as
open-drain output.
CEX1: =
Capture Event trigger to Programmable Counter
Array (PCA) module-1 or PWM output
T1: =
Alternative clock input to timer-1
VSS
10
G
Ground
P3.7 (CEX0)
11
BU
P3.7: =
General purpose 4-state I/O port with internal
pull-up
mechanism;
can
be
configured
as
open-drain output.
CEX0: =
Capture Event trigger to Programmable Counter
Array (PCA) module-0 or PWM output
P1.0 (AIN0)
12
BU
P1.0: =
General purpose 4-state I/O port with internal
pull-up
mechanism;
can
be
configured
as
open-drain output.
AIN0: =
Alternative ADC input
P1.1 (AIN1)
13
BU
P1.1: =
General purpose 4-state I/O port with internal
pull-up
mechanism;
can
be
configured
as
open-drain output.
AIN1: =
Alternative ADC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com