Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC82L54AS Datasheet(PDF) 21 Page - Megawin Technology Co., Ltd

Part # MPC82L54AS
Description  8-bit micro-controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L54AS Datasheet(HTML) 21 Page - Megawin Technology Co., Ltd

Back Button MPC82L54AS Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 25Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
MEGAWIN
MPC82x54A Data Sheet
21
SFR: P3M1 (P3 Configuration 1)
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
P3M17
P3M16
P3M15
P3M14
P3M13
P3M12
P3M11
P3M10
Configuration of I/O port
PxM0n
PxM1n
Port Mode
0
0
Quasi-bidirectional (default)
0
1
Push-Pull output
1
0
Input Only (High-impedance)
1
1
Open-Drain Output
(x = 0, 1, 2 or 3
n = 7, 6, 5, 4, 3, 2, 1 or 0)
Quasi-bidirectional Mode
Port pins in quasi-bidirectional output mode function similar to the standard 8051 port pins. A
quasi-bidirectional port can be used as an input and output without the need to reconfigure the
port. This is possible because when the port outputs a logic high, it is weakly driven, allowing
an external device to pull the pin low. When the pin outputs low, it is driven strongly and able
to sink a large current. There are three pull-up transistors in the quasi-bidirectional output that
serve different purposes.
One of these pull-ups, called the “very weak” pull-up, is turned on whenever the port register
for the pin contains a logic “1”. This very weak pull-up sources a very small current that will
pull the pin high if it is left floating.
A second pull-up, called the “weak” pull-up, is turned on when the port register for the pin
contains a logic “1” and the pin itself is also at a logic “1” level. This pull-up provides the
primary source current for a quasi-bidirectional pin that is outputting a ‘1’.
If this pin is pulled
low by the external device, this weak pull-up turns off, and only the very weak pull-up remains
on. In order to pull the pin low under these conditions, the external device has to sink enough
current to over-power the weak pull-up and pull the port pin below its input threshold voltage.
The third pull-up is referred to as the “strong” pull-up. This pull-up is used to speed up
low-to-high transitions on a quasi-bidirectional port pin when the port register changes from a
logic “0” to a logic “1”. When this occurs, the strong pull-up turns on for two CPU clocks,
quickly pulling the port pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com