Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC82E54AS Datasheet(PDF) 9 Page - Megawin Technology Co., Ltd

Part # MPC82E54AS
Description  8-bit micro-controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82E54AS Datasheet(HTML) 9 Page - Megawin Technology Co., Ltd

Back Button MPC82E54AS Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC82E54AS Datasheet HTML 13Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
MEGAWIN
MPC82x54A Data Sheet
9
Alternative ADC input
P0.3
26
BU
P0.3: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
P1.5(MOSI/AIN5)
27
23
17
BU
P1.5: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
MOSI: =
Master data Output or Slave data
Input for Serial Peripheral Interface
(SPI)
AIN5: =
Alternative ADC input
P1.6(MISO/AIN6)
28
24
18
BU
P1.6: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
MISO: =
Master data Input or Slave data
Output for Serial Peripheral Interface
(SPI)
AIN6: =
Alternative ADC input
P1.7
(SPICLK/AIN7)
29
25
19
BU
P1.7: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
SPICLK: =
Serial Clock for Serial Peripheral
Interface (SPI)
AIN7: =
Alternative ADC input
P2.0(CEX2)
30
26
BU
P2.0: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
CEX2: =
Capture Event trigger to
Programmable Counter Array (PCA)
module-2 or PWM output
P2.1
31
27
BU
P2.1: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
VCC
32
28
20
P
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com