Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0108 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXES0108
Description  E-Series Mixer, 0.5 - 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0108 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0108 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0108 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E Series Mixer, 0.5 - 500 MHz
MAMXES0108
V 2.00
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
Typical Performance Curves
Conversion Loss
LO - RF Isolation
LO - IF Isolation
-7.0
-6.8
-6.6
-6.4
-6.2
-6.0
-5.8
-5.6
-5.4
-5.2
-5.0
10.0
110.0
210.0
310.0
410.0
Frequency (MHz)
Options
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
110.0
210.0
310.0
410.0
Frequency (MHz)
Options
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
110.0
210.0
310.0
410.0
Frequency (MHz)
Options
10
110
210
310
410
500
10
110
210
310
410
500
10
110
210
310
410
500
SM89
Ordering Information
Part Number
Package
MAMXES0108
Tape & Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com