Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0011 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0011
Description  MMIC Medium Level Mixer 800 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXSS0011 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMXSS0011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXSS0011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXSS0011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
MMIC Medium Level Mixer
800 - 1000 MHz
Rev. V2
MAMXSS0011
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Conversion Loss
Input P1dB
Isolation
RF, LO and IF VSWR
5
6
7
8
9
10
800
850
900
950
1000
RF Frequency (MHz)
0
10
20
30
40
50
800
850
900
950
1000
LO to RF
LO to IF
RF to IF
RF Frequency (MHz)
10
15
20
25
30
800
850
900
950
1000
RF Frequency (MHz)
Lead-Free SOIC-8
†
† Reference Application Note M538 for lead-free solder reflow recommendations.
0
1
2
3
4
5
800
840
880
920
960
1000
0
40
80
120
160
200
RF
LO
IF
RF Frequency (MHz)
IF Frequency (MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com