Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0011 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0011
Description  1:4 Flux Coupled Step up Transformer 1 - 350 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0011 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1:4 Flux Coupled Transformer, 1-350MHz
MABACT0011
Absolute Maximum Ratings
2
Pin Configuration
Parameter
Maximum
RF input power
250mW
DC current
30mA
Operating temperature
-40°C - +85°C
Storage temperature
-40°C - +85°C
Function
Pin #
Secondary
3
Secondary CT
2
Secondary Dot
1
Primary Dot
4
Primary
5
Amplitude Unbalance
Insertion Loss Port
Phase Balance
-1.60
-1.28
-0.96
-0.64
-0.32
0.00
1.00
70.80
140.60
210.40
280.20
350.00
Frequency (MHz)
Options
170.00
176.00
182.00
188.00
194.00
200.00
1.00
70.80
140.60
210.40
280.20
350.00
Frequency (MHz)
Options
-0.04
0.01
0.06
0.11
0.16
0.21
1.00
70.80
140.60
210.40
280.20
350.00
Frequency (MHz)
Options
Schematic
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com