Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0074 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0074
Description  2.66:1 Transmission Line Transformer 50-870MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0074 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0074 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0074 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0074 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.66:1 Transmission Line Transformer
50-870MHz
MABACT0074
V1P
1
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 2.66:1 Impedance
• Excellent amplitude and phase balance
• 260°C Reflow Compatible
• RoHS* Compliant
• RoHS version of MABACT0017
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0074 is a 4:1 Tx Transformer.
This part is characterized in a 2.66:1 impedance en-
vironment. This Transformer is provided in a low
cost, surface mount package. The windings of the
MABACT0074 are welded to the package substrate
for improved reliability and reduced lead content.
Ideally suited for high volume CATV and Satellite
Ordering Information
Part Number
Package
MABACT0074TR
2000 piece reel
MABA-007970-CT74TB
Customer Test Board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Output 1: (Secondary dot)
2
Ground, Centre Tap
3
Output 2: (Secondary)
4
Ground (Primary)
5
Input (Primary dot)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-152
PRI
SEC


Similar Part No. - MABACT0074

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0074 MACOM-MABACT0074 Datasheet
97Kb / 3P
2.66:1 Transmission Line Transformer 50-870MHz
logo
M/A-COM Technology Solu...
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
logo
Tyco Electronics
MABACT0074TR MACOM-MABACT0074TR Datasheet
97Kb / 3P
2.66:1 Transmission Line Transformer 50-870MHz
logo
M/A-COM Technology Solu...
MABACT0074 MA-COM-MABACT0074_15 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
More results

Similar Description - MABACT0074

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007731-CT1980 MACOM-MABA-007731-CT1980 Datasheet
112Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABACT0013 MACOM-MABACT0013 Datasheet
106Kb / 3P
1:1 Transmission Line Transformer 50 - 2150 MHz
MABACT0017 MACOM-MABACT0017 Datasheet
171Kb / 3P
4:1 Tx Line Transformer 50-870MHz characterized in a 2.66:1 Z environment
MABACT0074 MACOM-MABACT0074 Datasheet
97Kb / 3P
2.66:1 Transmission Line Transformer 50-870MHz
logo
M/A-COM Technology Solu...
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0074 MA-COM-MABACT0074_15 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com