Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0008 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0008
Description  E-Series RF 1:4 Flux Coupled Step-up Transformer 3 MHZ - 250 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0008 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABAES0008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 1582 A
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 1:4 Impedance Ratio
• CT on Secondary
• Available on Tape & Reel
Description
M/A-COM’s MABAES0008 is a 1:4 RF flux coupled step-up
transformer in a low cost, surface mount package. Ideally suited
for high volume applications.
SM-22 Package
E-Series RF 1:4 Flux Coupled Step-up Transformer
3 MHZ - 250 MHz
MABAES0008
Schematic
Electrical Specifications @25°C
Parameter
Units
Typical
Maximum
Frequency Range 3 - 250
MHz
—
—
Insertion Loss (fL - fU)
3 -250 MHz
dB
0.60
1.30
Amplitude Unbalance
3- 250 MHz
dB
0.2
0.5
Phase Unbalance
3- 250 MHz
Degrees
—
7.0
Please Note that the photograph above indicates typical package only, not actual unit.


Similar Part No. - MABAES0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0008 MACOM-MABAES0008 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Stepup Transformer
More results

Similar Description - MABAES0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2 Datasheet
133Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABAES0061 MACOM-MABAES0061 Datasheet
179Kb / 3P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
ETC4-1-2 MA-COM-ETC4-1-2 Datasheet
120Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
DS-MABAES0008 MA-COM-DS-MABAES0008 Datasheet
324Kb / 2P
RF 1:4 Flux Coupled Stepup Transformer 3 MHZ - 250 MHz
MABA-011020-V1 MA-COM-MABA-011020-V1 Datasheet
770Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
ETC4-1-2TR MA-COM-ETC4-1-2TR_15 Datasheet
805Kb / 6P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2 - 800 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com