Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0010 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0010
Description  E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0010 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABAES0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RF 1:4 Flux Coupled Step-up Transformer
2.0 – 800 MHz
MABAES0010
V2
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Part Number
Package
MABAES0010
Tape and Reel (2000 piece Reel)
Ordering Information
1. Operation of this device above any one of these parameters
may cause permanent damage.
Features
• 1:4 Impedance Ratio
• Surface Mount
• CT on Secondary
• Tape and reel packaging available
Description
M/A-COM’s MABAES0010 is a 1:4 RF Flux
Coupled step-up transformer in a low cost,
surface mount package. Ideally suited for
high volume cellular and wireless applications.
Typical applications include single to balanced
mode conversion and impedance matching.
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
DC Power
250 mW
DC current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C


Similar Part No. - MABAES0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer
More results

Similar Description - MABAES0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2 Datasheet
133Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer
MABAES0061 MACOM-MABAES0061 Datasheet
179Kb / 3P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
MABAES0061 MA-COM-MABAES0061 Datasheet
103Kb / 2P
E-Series RF 1:4 Flux Coupled Transformer 2.0 - 800 MHz
ETC4-1-2 MA-COM-ETC4-1-2 Datasheet
120Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
ETC4-1-2TR MA-COM-ETC4-1-2TR Datasheet
302Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
DS-ETC4-1-2 MA-COM-DS-ETC4-1-2 Datasheet
302Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
MABA-011020-V1 MA-COM-MABA-011020-V1 Datasheet
770Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
MABA-011020 MA-COM-MABA-011020_15 Datasheet
770Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
ETC4-1-2TR MA-COM-ETC4-1-2TR_15 Datasheet
805Kb / 6P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2 - 800 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com