Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC736LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC736LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC736LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC736LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 221
Frequency vs. Tuning Voltage, Vcc = +4.2V
Sensitivity vs. Tuning Voltage, Vcc = +4.2V
SSB Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, T= 25°C
Output Power
vs. Tuning Voltage, Vcc = +4.2V
SSB Phase Noise @ Vtune = +5V
HMC736LP4 / 736LP4E
v00.1008
MMIC VCO w/ HALF FREQUENCY OUTPUT
14.5 - 15.0 GHz
12
13
14
15
16
17
0
123
456
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
0
100
200
300
400
500
600
0
123
456
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
4
6
8
10
12
14
0
123
456
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
12
13
14
15
16
17
0
123
456
7
8
9
10 11 12 13
Vcc = 4.0V
Vcc = 4.2V
Vcc = 4.4V
TUNING VOLTAGE (VOLTS)
-120
-110
-100
-90
-80
-70
-60
0
123
456
7
8
9
10 11 12 13
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
-150
-130
-110
-90
-70
-50
-30
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com