Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT048A040M050TP Datasheet(PDF) 2 Page - Vicor Corporation

Part # VT048A040M050TP
Description  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A040M050TP Datasheet(HTML) 2 Page - Vicor Corporation

  VT048A040M050TP Datasheet HTML 1Page - Vicor Corporation VT048A040M050TP Datasheet HTML 2Page - Vicor Corporation VT048A040M050TP Datasheet HTML 3Page - Vicor Corporation VT048A040M050TP Datasheet HTML 4Page - Vicor Corporation VT048A040M050TP Datasheet HTML 5Page - Vicor Corporation VT048A040M050TP Datasheet HTML 6Page - Vicor Corporation VT048A040M050TP Datasheet HTML 7Page - Vicor Corporation VT048A040M050TP Datasheet HTML 8Page - Vicor Corporation VT048A040M050TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Voltage Transformation Module
VT048A040T050FP
vicorpower.com
Rev. 1.0
Page 2 of 11
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
VC to -In
-0.3 to 19.0
Vdc
+Out to -Out
-0.5 to 12
Vdc
Isolation voltage
2,250
Vdc
Input to output
Output current
50
A
Continuous
Peak output current
75
A
For 1 ms
Output power
221
W
Continuous
Peak output power
332
W
For 1 ms
Operating temperature
-40 to +100
°C
T-Grade; baseplate
-55 to +100
°C
M-Grade; baseplate
Storage temperature
-40 to +125
°C
T-Grade
-65 to +125
°C
M-Grade
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Absolute Maximum Ratings
SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Input voltage range
26
48
55
Vdc
Max VIN = 53 V, operating from -55°C to -40°C
Input dV/dt
1
V/µs
Input overvoltage turn-on
55.0
Vdc
Input overvoltage turn-off
59.0
Vdc
Input current
4.6
Adc
Input reflected ripple current
114
mA p-p
Using test circuit in Figure 10; See Figure 1
No load power dissipation
3.9
4.8
W
Internal input capacitance
1.9
µF
Internal input inductance
5
nH
Input Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions
in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com