Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT048A080M030TP Datasheet(PDF) 3 Page - Vicor Corporation

Part # VT048A080M030TP
Description  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A080M030TP Datasheet(HTML) 3 Page - Vicor Corporation

  VT048A080M030TP Datasheet HTML 1Page - Vicor Corporation VT048A080M030TP Datasheet HTML 2Page - Vicor Corporation VT048A080M030TP Datasheet HTML 3Page - Vicor Corporation VT048A080M030TP Datasheet HTML 4Page - Vicor Corporation VT048A080M030TP Datasheet HTML 5Page - Vicor Corporation VT048A080M030TP Datasheet HTML 6Page - Vicor Corporation VT048A080M030TP Datasheet HTML 7Page - Vicor Corporation VT048A080M030TP Datasheet HTML 8Page - Vicor Corporation VT048A080M030TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Voltage Transformation Module
VT048A080T030FP
vicorpower.com
Rev. 1.0
Page 3 of 11
SPECIFICATIONS (CONT.)
WAVEFORMS
Figure 1 — Input reflected ripple current at full load and 48 Vf.
Ripple vs. Output Current
10
30
50
70
90
110
130
150
0
3
6
9
12
15
18
21
24
27
30
Output Current (A)
Figure 2 — Output voltage ripple vs. output current at 48 Vf with no POL
bypass capacitance.
Parameter
Min
Typ
Max
Unit
Note
Output voltage
4.34
9.16
Vdc
No load
4.04
8.89
Vdc
Full load
Rated DC current
0
30
Adc
26 - 55 VIN
Peak repetitive current
45.0
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
42
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 7
Efficiency
Half load
95.2
96.0
%
See Figure 3
Full load
95.0
95.8
%
See Figure 3
Internal output inductance
1.6
nH
Internal output capacitance
48
µF
Effective value
Output overvoltage setpoint
9.3
Vdc
Module will shut down
Output ripple voltage
No external bypass
132
220
mVp-p
See Figures 2 and 5
30 µF bypass capacitor
17
mVp-p
See Figure 6
Effective switching frequency
3.10
3.20
3.30
MHz
Fixed, 1.6 MHz per phase
Line regulation
K
0.1650
1/6
0.1683
VOUT = K•VIN at no load
Load regulation
ROUT
7.5
10.0
mΩ
See Figure 13
Transient response
Voltage overshoot
200
mV
30 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com