Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-176 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-176
Description  Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-176 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-176 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-176 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-176 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Thin Film Amplifier,
13 dB Gain, 5 - 1000 MHz
Rev. V4
AM-176 / AMC-176
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
12.2
13.2
14.2
Frequency Response
—
dB
—
—
±1.0
Gain Variation with
Temperature
—
dB
—
—
±1.0
1 dB Compression
Output Power
dBm
+12
—
—
Noise Figure
—
dB
—
—
5.0
Reverse Transmission
—
dB
—
-17
-14
VSWR
—
Ratio
—
—
1.8:1
Output IP2
Two-Tone inputs up to 0 dBm
dBm
+37
—
—
Output IP3
Two-Tone inputs up to 0 dBm
dBm
+25
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
38
43
Power Dissipation
@ +15 V Bias
mW
—
570
—
Frequency
500 MHz
5 - 1000 MHz
5 - 1000 MHz
5 - 1000 MHz
5 - 1000 MHz
5 - 1000 MHz
5 - 1000 MHz
5 - 1000 MHz
5 - 1000 MHz
—
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 650 mW must be
provided in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
5
0.14/151.3
4.59/-168.1
0.13/-0.9
0.12/144.6
10
0.14/168.4
4.67/-175.5
0.13/0.1
0.10/156.3
20
0.14/178.2
4.61/-179.6
0.13/0.0
0.09/166.5
50
0.14/167.9
4.61/174.5
0.13/-0.1
0.09/170.5
100
0.13/161.6
4.58/168.6
0.13/-1.0
0.08/166.8
250
0.12/132.4
4.56/10.1
0.14/-3.5
0.08/149.9
500
0.10/83.9
4.57/119.8
0.15/-9.0
0.07/121.3
750
0.08/39.7
4.52/89.1
0.16/-17.7
0.05/76.1
1000
0.04/-91.4
4.39/58.4
0.16/-28.4
0.07/-9.9
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com