Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-191 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-191
Description  Low Noise Amplifier 100 - 600 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-191 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-191 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-191 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-191 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier
100 - 600 MHz
Rev. V3
AM-191
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
3
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
3. Operation of this device above any one of these parameters
may cause permanent damage.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
100
0.33/-115.7
14.54/-143.3
0.02/-143.4
0.20/-171.1
150
0.25/-128.6
15.35/167.9
0.02/-168.5
0.25/121.6
200
0.17/-148.7
15.32/133.1
0.02/-130.5
0.27/8.5
250
0.16/-165.8
15.47/103.0
0.01/96.3
0.29/-43.6
300
0.16/177.3
15.07/76.5
0.01/63.3
0.29/-79.5
350
0.17/165.0
14.37/51.7
0.01/30.8
0.26/-109.7
400
0.18/157.2
14.16/27.6
0.01/0.9
0.24/-140.3
500
0.21/176.3
14.33/-17.6
0.02/-44.7
0.21/-4.6
600
0.30/-174.0
15.11/-68.9
0.02/-86.9
0.23/-59.4
S-Parameter Data
Pin Configuration
Pin No.
Function
1
RF OUT
2
GND
3
GND
4
GND
Pin No.
Function
6
RF IN
7
GND
8
GND
9
GND
5
VDC
10
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com