Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC786LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC786LP4E
Description  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC786LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC786LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC786LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8
8 - 330
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Item
Description
J1 - J3
SMA Connector
J4 - J7
DC Pin
C7, C8
10 nF Capacitor, 0402 Pkg.
C10, C12, C16, C18
1 nF Capacitor, 0402 Pkg.
C11, C15, C17, C21
0.1 μF Capacitor, 0402 Pkg.
C19
22 pF Capacitor, 0402 Pkg.
C20
4.7 μF Case A, Tantulum
C22
1.8 pF Capacitor, 0603 Pkg.
R2 - R4, R7, R8
0 Ohm Resistor, 0402 Pkg.
R9
215 Ohm Resistor, 0603 Pkg.
T1
1:1 Transformer - Tyco MABA CT0039
U1
HMC786LP4E
PCB [2]
118162 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25 FR
List of Materials for Evaluation PCB 121769 [1]
HMC786LP4E
v02.0909
BiCMOS MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com