Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-009482 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009482
Description  GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009482 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-009482 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
Rev. V1
MASW-009482
6
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1. External DC blocking capacitors are required on all RF ports. Typical performance specifications are with 1000 pF blocking and decoupling
capacitors / as shown on the application schematic .
2. RX Interferer power set to –10 dBm during test to improve dynamic range of measurement system. Typical performance with –23 dBm
interferer is determined by using a linear relationship between interferer power level and cross modulation products.
Typical Electrical Performance: TA = 25°C, Z0 = 50Ω, VC = 0V/2.6V, 1000pF Capacitors
1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
(All Paths)
824 - 894 MHz (CELL)
1710 - 1755 MHz (AWS)
1850 - 1990 MHz (PCS)
dB
dB
dB
—
—
—
0.55
0.65
0.75
—
—
—
Isolation
824 - 894 MHz (CELL)
1710 - 1755 MHz (AWS)
1850 - 1990 MHz (PCS)
dB
dB
dB
—
—
—
27
23
22
—
—
—
Return Loss
(All RF ports)
DC - 2.5 GHz
dB
—
20
—
Input IP3
Two Tone, +23 dBm/tone, 1 MHz Spacing, 894 MHz
Two Tone, +23 dBm/tone, 1 MHz Spacing, 1755 MHz
Two Tone, +23 dBm/tone, 1 MHz Spacing, 1990 MHz
dBm
dBm
dBm
—
—
68
65
67
—
—
Cross Modulation
For Cell Band: Two-tone signal input:
TX1 = +22 dBm @ 820 MHz, TX2 = +22 dBm @ 821 MHz,
RX interferer = -23 dBm @ 865 MHz
2
dBm
—
-105
—
For PCS Band: Two-tone signal input:
TX1 = +18 dBm @ 1880 MHz, TX2 = +18 dBm @ 1881 MHz,
RX interferer = -23 dBm @ 1960 MHz
2
dBm
—
-103
—
Input P0.1dB
Fin = 894 MHz
Fin = 1755 MHz
Fin = 1990 MHz
dBm
dBm
dBm
—
34.5
36.0
35.5
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF, 900 MHz
ns
—
45
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF,
900 MHz
ns
—
70
—
Transients
In Band
mV
—
40
—
Control Current
VC = 0 V/2.6 V
µA
—
6
—
3
rd Harmonic
Fin = 894 MHz, Pin = +25.5 dBm
Fin = 1755 MHz, Pin = +25.0 dBm
Fin = 1990 MHz, Pin = +24.0 dBm
dBc
dBc
dBc
—
—
82
81
91
—
—
2
nd Harmonic
Fin = 894 MHz, Pin = +25.5 dBm
Fin = 1755 MHz, Pin = +25.0 dBm
Fin = 1990 MHz, Pin = +24.0 dBm
dBc
dBc
dBc
—
—
81
81
85
—
—
Applications Section: Tri-Mode Mobile Phone Performance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com