Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT-R030-CA Datasheet(PDF) 2 Page - DDK Ltd.

Part # SPT-R030-CA
Description  XFP Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SPT-R030-CA Datasheet(HTML) 2 Page - DDK Ltd.

  SPT-R030-CA Datasheet HTML 1Page - DDK Ltd. SPT-R030-CA Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
SPT Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ 0.8mm PITCH CONNECTOR
2
7.40 REF
15.00 REF
13.40
13.60
A
B
11.20
0.40
0.80
5.80
11.20
13.60
11.20
5.80
1.00
0.80
0.40
2.00±0.05
0.50±0.03
30 PLC
30 PLC
φ1.55±0.05
2 PLC
AB
AB
0.06
0.10
PCB LAYOUT
AB
0.06
SPT-RSB30B-12-FG
SPT-R030-HS2 □
SPT-R030-CP
SPT-R030-CA
7.0
DL
CL
64.03 REF
22.20
5×9.00 Pitch= 45.00
5×9.00 Pitch= 45.00
PCB MOUNTING DIMENSIONS (REFERENCE)
9.00
3.60
φ1.05±0.05
0.10 A B
9.00
0.90
7.60
B
X
14PLC
4.10
4.10
0.90
A
2-φ1.55±0.05
0.10 A B
2.00±0.05
Detail X
0.06 A B
0.50±0.03
A B
0.06
○ CAGE for XFP
○ HEAT SINK and CLIP
33.00REF
57.30 REF
See P/N
Height of Fin
 A : 4.2mm
 B : 6.5mm
32.00
2.00
3PLC
19.45REF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com