Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT-R030-CP Datasheet(PDF) 1 Page - DDK Ltd.

Part # SPT-R030-CP
Description  XFP Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SPT-R030-CP Datasheet(HTML) 1 Page - DDK Ltd.

  SPT-R030-CP Datasheet HTML 1Page - DDK Ltd. SPT-R030-CP Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
RoHS
Compliant
RoHS
Compliant
XFP Connector
SPT Series / 10Gbps
XFP
Conforming
Standard
・Right Angle 0.8mm pitch, 30 pins SMT connector
・Excellent EMI shield
・Cage assembly is press-fit mounting and serves as a guide rail for transceivers.
・4.2mm and 6.5mm height heat radiation pins are available.
・RoHS Compliant
10G Fiber Channel, 10G Ethernet, High-end Server
Item
Material/Finish
Contact
Copper Alloy/ Contact Area: Au over Ni Plating
Tail Area: Au(Flash) over Ni Plating
Housing
350V AC(r.m.s.) for 1 minute
Cage, Clip, Heat Sink
30m Ω max.
SPT series is a connector and cage assembly which is compatible to 10Gigabit Small Form-factor
Pluggable(XFP) specification of Multi Source Agreement(MSA) for 10G optical transceiver.
090703
Rated Voltage
120V AC(r.m.s.)
Rated Current
0.5A / Contact
Dielectric Withstanding voltage
350V AC(r.m.s.) for 1 Minute
Insulation Resistance
100M Ω Min. at 250V DC
Contact Resistance
30m Ω Max.
◆ OUTLINE
◆ FEATURE
◆ APPLICATIONS
◆ SPECIFICATION
◆ MATERIAL/FINISH


Similar Part No. - SPT-R030-CP

ManufacturerPart #DatasheetDescription
logo
Novaris
SPT-02 NOVARIS-SPT-02 Datasheet
320Kb / 1P
SPT - Surge Protection Tester
logo
Magnelab.
SPT-0375-150 MAGNELAB-SPT-0375-150 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
SPT-0375-300 MAGNELAB-SPT-0375-300 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
SPT-0375-600 MAGNELAB-SPT-0375-600 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
logo
SOVICO corp.
SPT-254 SOVICO-SPT-254 Datasheet
2Mb / 1P
PROGRAM TIMER
2020.06
More results

Similar Description - SPT-R030-CP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
10 Gbps XFP Transceiver
logo
MRV Communications, Inc...
EM316-2XFP MRV-EM316-2XFP Datasheet
141Kb / 3P
XFP-to-XFP 10-Gigabit Repeaters
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
XFP-10GD-SX MRV-XFP-10GD-SX Datasheet
59Kb / 2P
10 Gigabit XFP Transceivers
logo
Source Photonics, Inc.
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
10G 850nm XFP Transceiver
FTM-53X0C-X40G SOURCE-FTM-53X0C-X40G Datasheet
286Kb / 11P
10G 1550nm XFP Transceiver
logo
Tyco Electronics
1489948-2 MACOM-1489948-2 Datasheet
22Kb / 1P
HEAT SINK CLIP XFP
1888116-2 MACOM-1888116-2 Datasheet
491Kb / 3P
XFP Products
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
10 Gbps XFP Transceiver
logo
Finisar Corporation.
FDB-1022 FINISAR-FDB-1022 Datasheet
538Kb / 3P
XFP Evaluation Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com