Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HO-21 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # HO-21
Description  HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

HO-21 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  HO-21 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
:
:
886-2-86875200
886-2-26816456
:
:
HO-21 Series
Electrical Specifications
FEATURES
10TTL Output Load
8 Pin Half Size
Industry Standard
Wide Frequency Range
Low Cost
Resistance Weld Package
FO
TOPR
TSTG
VDD
IDD
Sym
Tr
Tf
VOH
VOL
Parameter
Condition
HO-21
Frequency Range
All Condition*
25
3
25ppm,
50ppm,
100ppm
5ppm
15mA Max
30mA Max
60mA Max
5nSMax
5nSMax
40/60%(45/55% Option)
0.5MHz to 23.999MHz
0.5MHz~100.00MHz
0
~70
(-40
~+85
option)
-55
~+125
5.0V+/-10%
24.000MHz to 69.999MHz
70.000MHz to 100.000MHZ
At 1.4V
Ts
Frequency Stability*
Operating Temperature Range
Storage Temperature Range
Power supply Voltage
Aging(First Year)
Supply Current
Output Symmetry
Rise time
Fall Time
Output Voltage
TTL Load
*Include: 25
tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration
Output load
Start-up Time
Mechanical Dimensions(mm)
HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
The HO-21 series oscillator is TTL
compatible and features fast rise/fall
times with high reliability at low cost.
The metal package with pin#4 case
ground acts as shielding to minimize
EMI radiation.
MARKING
AREA
0.45
0.1
12.9Max
Pin
Connection
N.C.
GND
Output
VDD
#1
#4
#5
#8
#1
#8
#4
#5
24
2.4 Vmin
0.4 Vmax
0.4V~2.4V
2.4V~0.4V
10mS Max
1~10TTL
TTL Output Waveform
TTL Test Circuit
V
A
RL=400
+5.0V
**Includes stray and probe capacitance
Test Point
0.01 F
m
#1
#8
#4
#5
15pF**
Symmetry=
100%
Tf
T1
VOH
VOL
T0=1/Fo
Tr
2.4V
1.4V
0.4V
GND
T1
T0
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - HO-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-22 ETC1-HO-22 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
RSG Electronic Componen...
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
HO-25 RSG-HO-25 Datasheet
85Kb / 1P
HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
More results

Similar Description - HO-21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
Full Size Clock Oscillators TTL Compatible
17-Jun-05
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
Full Size Clock Oscillators TTL/HCMOS Compatible
10-Jun-03
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
Full Size Clock Oscillators TTL Compatible
05-Mar-07
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
Full Size Clock Oscillators TTL Compatible
08-Mar-11
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com