Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOS16-12T Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DOS16-12T
Description  Non-isolated Point of load DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DOS16-12T Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DOS16-12T Datasheet HTML 1Page - RSG Electronic Components GmbH DOS16-12T Datasheet HTML 2Page - RSG Electronic Components GmbH DOS16-12T Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Current
Model Name
ON/OFF
Logic
Package
Input Voltage
Output Voltage
Min. Load
Max. Load
Efficiency (%)
12Vin, 3.3Vdc@16A
DOS16-12T
Negative
DOS16-12T-P
Positive
SMD
DOH16-12T
Negative
DOH16-12T-P
Positive
Vertical Mounting
SIP
DOH16-12TA
Negative
DOH16-12TA-P
Positive
Horizontal Mounting
SIP
Vo(set)≦3.63V
Vin = 8.3-14Vdc
Vo(set)>3.63V
Vin = 8.3-13.2Vdc
0.75 ~ 5.0Vdc
0A
16A
92%
Fig. 1
Table 1
Vo(set) (V) Rtrim (KΩ)
0.7525
Open
1.2
22.46
1.5
13.05
1.8
9.024
2.5
5.009
3.3
3.122
5
1.472
2 / 3
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
External with Cout = 1μF ceramic//10μF tantalum capacitors.
3.
External with Cout = 2×150μF polymer capacitors.
4.
Output voltage programmable from 0.7525V to 5V by connecting a single resistor (shown as Rtrim in Table 1) between the TRIM and GND pins of the
module.To calculate the value of the resistor Rtrim for a particular output voltage Vo, use the following equation:
5.
It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input
terminals that ensuring module stability. The external Cin is 6×47μF ceramic capacitors at least.
6.
Device code with suffix “-P” – Positive logic(On/Off is open collector/drain logic input; Signal referenced to GND )
Device code with no suffix – Negative logic (On/Off pin is open collector/drain logic input with external pull –up resistor; signal referenced to GND)
7.
Case 1 :On/Off input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vo=10% of Vo(set))
8.
Case 2 :Input power is applied for at least one second and then the On/Off input is set to logic low (delay form instant at which Von/off=0.3V until
Vo=10% of Vo(set))
CAUTION
: This power module is not internally fused. An input line fuse must always be used.
Rtrim =
[
10500
Vo – 0.7525
-1000
] Ω
DOS16-12T, Vo=3.3V, Derating Curve
0
2
4
6
8
10
12
14
16
18
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE,TA(℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com