Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPP240-48 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DPP240-48
Description  120W & 240W Single Output DIN Rail Mount Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DPP240-48 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DPP240-48 Datasheet HTML 1Page - RSG Electronic Components GmbH DPP240-48 Datasheet HTML 2Page - RSG Electronic Components GmbH DPP240-48 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DPP120 & 240 Series
120W & 240W Single Output
DIN Rail Mount Power Supplies
Key Market Segments & Applications
Industrial Controls:
Motor Control Systems
Factory Automation:
Process Control, Automotive,
Chemical Processing
Test & Measurement:
Burn in & Test,
Instrumentation Measurement
• Low Cost
• 12, 24 or 48V Outputs
• Wide Range AC Input
• Parallel Function Switch
• -25 to +71°C Operation
DPP120 & 240 Features and Benefits
Features
Benefits
• PFC Compliant to EN61000-3-2
• Supports Global Use
• UL508 Approvals
• Easier System Configuration
• TS35/7.5 or TS35/15 DIN Rail Mounting
• Easy System Integration
DPP120 & 240 Series
1
MODELS
DPP120
DPP240
ITEMS
AC Input Voltage range
VAC
90 - 132/186-264VAC (auto select)
Input Frequency
Hz
47 - 63Hz
DC Input Voltage range
VDC
210 - 370VDC
Inrush Current (115 / 230VAC)
A
24/48A
30/60A
Power Factor
-
typ 0.7 at 230VAC input
Input Current (115/230VAC)
A
2.8/1.4A
5.4/2.2A
Output Voltage
V
12 , 24 or 48V
24 or 48V
Output Voltage Accuracy
%
-0, +1% of Nominal
Line Regulation
%
±0.5%
Load Regulation
%
+1% Single Mode
+5% Parallel Mode
Ripple and Noise (20MHz BW)
mV
<50mV
<100mV
Overcurrent Protection (Typ)
-
120 - 145%
Overvoltage Protection
V
120 - 145%
Hold Up Time (230VAC input)
ms
>30 ms
Efficiency (typ)
%
84 - 90% (see table)
Parallel operation
-
Up to 3 units
LED Indicators
-
Green LED = On, Red LED = DC Output Low
DC Good Relay (24V model only)
-0.3A rated normally open relay contacts, closes when output is above 17.6 - 19.4V
Operating Temperature
-
-25 to +71°C (Derate linearly 2.5% per °C from 61 to 71°C)
Storage Temperature
-
-25 to +85°C
Operating Humidity
-
20 - 95% RH (non condendsing)
Cooling
-
Convection
Withstand Voltage
-
Input to Output 3kVAC for 1 min.
Isolation Resistance
-
>100M at 25C & 70%RH, Output to Ground 500VDC
Safety Agency Approvals
-
UL508 Listed, UL60950-1, EN60950-1, CE
Conducted & Radiated EMI
-
EN55022 class B
Weight (Typ)
g
920
1000
Size (HxWxD)
mm
125 x 63.5 x 123.6
125 x 83 x 126
Case material
-
Metal
Warranty
yrs
Two years
Specifications


Similar Part No. - DPP240-48

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPP240-48-1 TDK-DPP240-48-1 Datasheet
579Kb / 2P
120W 240W DIN Rail Mount Power Supplies
More results

Similar Description - DPP240-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-240 MEANWELL-DRP-240 Datasheet
122Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240_10 Datasheet
350Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
WDR-240 MEANWELL-WDR-240 Datasheet
544Kb / 3P
240W Single Output Industrial DIN RAIL Power Supply
WDR-240_1111 MEANWELL-WDR-240_1111 Datasheet
545Kb / 3P
240W Single Output Industrial DIN RAIL Power Supply
logo
RSG Electronic Componen...
DRF120 RSG-DRF120 Datasheet
552Kb / 6P
120W - 480W Single Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
120W 240W DIN Rail Mount Power Supplies
logo
Total Power Internation...
DRP-240 TOTAL-POWER-DRP-240 Datasheet
209Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
EDR-120 TOTAL-POWER-EDR-120 Datasheet
207Kb / 4P
120W Single Output Industrial DIN RAIL
NDR-120 TOTAL-POWER-NDR-120 Datasheet
125Kb / 4P
120W Single Output Industrial DIN RAIL
logo
Mean Well Enterprises C...
NDR-120 MEANWELL-NDR-120 Datasheet
134Kb / 4P
120W Single Output Industrial DIN RAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com