Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR048A480T024TP Datasheet(PDF) 4 Page - Vicor Corporation

Part # PR048A480T024TP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR048A480T024TP Datasheet(HTML) 4 Page - Vicor Corporation

  PR048A480T024TP Datasheet HTML 1Page - Vicor Corporation PR048A480T024TP Datasheet HTML 2Page - Vicor Corporation PR048A480T024TP Datasheet HTML 3Page - Vicor Corporation PR048A480T024TP Datasheet HTML 4Page - Vicor Corporation PR048A480T024TP Datasheet HTML 5Page - Vicor Corporation PR048A480T024TP Datasheet HTML 6Page - Vicor Corporation PR048A480T024TP Datasheet HTML 7Page - Vicor Corporation PR048A480T024TP Datasheet HTML 8Page - Vicor Corporation PR048A480T024TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Parameter
Min
Typ
Max
Unit
Note
Output voltage range
26
48
55
Vdc
Factorized Bus voltage (Vf) set by ROS
Output power
0
240
W
Output current
0
5
Adc
DC current limit
5.25
6.0
6.6
Adc
IL pin floating
Average short circuit current
0.5
A
Auto recovery
Set point accuracy
1.5
%
Line regulation
0.17
0.2
%
Low line to high line
Load regulation
0.5
0.7
%
No CD resistor
Load regulation (at VTM output)
1.0
2.0
%
Adaptive Loop
Current share accuracy
5
10
%
Efficiency
Full load
96
%
See Figure 5,6 & 7
Output overvoltage set point
56
59.4
Vdc
Output ripple voltage
No external bypass
2.3
2.5
%
Factorized Bus, see Figure 12
With 10 µF capacitor
0.35
1.1
%
Factorized Bus, See Figure 13
Switching frequency
1.35
1.45
1.55
MHz
Fixed frequency - across entire operating range
Output turn-on delay
From application of power
135
300
ms
See Figure 1
From PC pin high
100
µs
See Figure 2
Internal output capacitance
5
µF
Ceramic
Factorized Bus capacitance
47
µF
Output Specifications (Conditions are at 48 Vin, 48 Vf [a], full load, and 25°C ambient unless otherwise specified)
SPECIFICATIONS (CONT.)
Pre-Regulator Module
PR048A480T024FP
vicorpower.com
Rev. 1.0
Page 4 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com