Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2C21 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EC2C21
Description  5 TO 6 WATT DC-DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EC2C21 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EC2C21 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.00
(50.8)
0.300
(7.6)
+OUT
NP*
-OUT
BOTTOM VIEW
+IN
-IN
0.100
(2.5)
0.200
(5.1)
0.60
(15.2)
0.800
(20.3)
2.00
(50.8)
0.040
DIA.
(1.0)
0.40
(10.2)
max.
2.00
(50.8)
1.65
(41.9)
+IN
+OUT
COM/NP*
-OUT
-IN
0.15
(3.8)
0.15
(3.8)
0.85
(21.6)
0.85
(21.6)
0.04
(1.0)
DIA.
0.22
(5.6)
min.
0.40
(10.2)
max.
0.22
(5.6)
BOTTOM
VIEW
COM.
0.50
(12.7)
0.90
(22.9)
2.00
(50.8)
1.70
(43.2)
NP* - NO PIN ON SINGLE OUTPUT MODLES
5 TO 6 WATT
DC-DC CONVERTERS
EC2C
EC2C
S
E
R
I
E
S
Features
• High Performance
• Low Ripple and Noise
• 60% Efficiency
• 500 VDC Isolation
• Pi Input Filter
• Regulated Outputs
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
57
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range...........................................................................................................................................................................................................
±10%
Input Filter...........................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy.....................................................................................................................................................................................................
±1.0% max.
Voltage Balance, Dual Output................................................................................................................................................................................
±0.5% max.
Temperature Coefficient
Single Output...................................................................................................................................................................................................
± 0.02%/˚C
Dual Output.....................................................................................................................................................................................................
± 0.01%/˚C
Ripple and Noise, 20MHz BW
Single Output...........................................................................................................................................................................................50mV p-p max.
Dual Output.............................................................................................................................................................................................35mV p-p max.
Short Circuit Protection...............................................................................................................................................................................................Short Term
Line Regulation..................................................................................................................................................................................................................
±0.02%
Load Regulation................................................................................................................................................................................................................
±0.05%
GENERAL SPECIFICATIONS:
Efficiency.................................................................................................................................................................................................................................60%
Isolation Voltage....................................................................................................................................................................................................500 VDC min.
Isolation Capacitance.........................................................................................................................................................................................................80pF
Isolation Resistance.........................................................................................................................................................................................................109ohms
Switching Frequency.................................................................................................................................................................................................20KHz, min.
Operating Temperature Range........................................................................................................................................................................-25
°C to + 71°C
Case Temperature (Plastic case)............................................................................................................................................................................95˚C max.
(Copper case).....................................................................................................................................................................100˚C max.
Cooling.........................................................................................................................................................................................................Free-Air Convection
Storage Temperature Range...........................................................................................................................................................................-40
°C to + 100°C
Dimensions.........................................................................................................................................................................................................2 x 2 x 0.4 inches
(50.8 x 50.8 x 10.2mm)
Weight.......................................................................................................................................................................................................................................51g
58
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE C
All Dimensions In Inches(mm)
Tolerance .xx=
±.04, .xxx= ±.010
EC2C01
EC2C02
EC2C03
EC2C04
EC2C05
EC2C11
EC2C12
EC2C13
EC2C14
EC2C15
EC2C21
EC2C22
EC2C23
EC2C24
EC2C25
EC2C31
EC2C32
EC2C33
EC2C34
EC2C35
EC2C41
EC2C42
EC2C43
EC2C44
EC2C45
5 VDC
12 VDC
24 VDC
28 VDC
48 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
60 mA
70 mA
70 mA
130 mA
140 mA
40 mA
40 mA
40 mA
60 mA
60 mA
20 mA
20 mA
20 mA
35 mA
35 mA
20 mA
20 mA
20 mA
25 mA
25 mA
14 mA
14 mA
14 mA
20 mA
20 mA
1000 mA
470 mA
400 mA
±230 mA
±190 mA
1000 mA
470 mA
400 mA
±230 mA
±190 mA
1000 mA
470 mA
400 mA
±230 mA
±190 mA
1000 mA
470 mA
400 mA
±230 mA
±190 mA
1000 mA
470 mA
400 mA
±230 mA
±190 mA
1700 mA
1750 mA
1800 mA
1700 mA
1700 mA
690 mA
700 mA
750 mA
710 mA
710 mA
350 mA
340 mA
360 mA
360 mA
360 mA
290 mA
300 mA
310 mA
290 mA
290 mA
170 mA
170 mA
180 mA
170 mA
170 mA
C
C
C
C
C
S
S
S
S
S
INPUT VOLTAGE
60% FL
80% FL
100% FL
5V
12V
24V
28V
48V
4.4-6.5V
10.56-15.6V
21.12-31.2V
24.64-36.4V
42.24-62.4V
4.5-6.0V
10.8-14.4V
21.6-28.8V
25.2-33.6V
43.2-57.6V
4.65-5.5V
11.16-13.2V
22.32-26.4V
26.04-30.8V
44.64-52.8V
NOTE: 1. Alternative pin-out version. To order, suffix a "S" to the standard model number.
CASE MATERIAL:
Standard Models........................................................................................................................................................................Non-Conductive Black Plastic
Suffix "M" Models.............................................................................................................................................................................Black Coated Copper with
Non-Conductive Base
ALT1
PIN
OUT
STANDARD PIN CONFIGURATION
ALTERNATE PIN CONFIGURATION SUFFIX "S"
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - EC2C21

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC2C01C SANYO-EC2C01C Datasheet
20Kb / 3P
VCXO & VHF Band VCO Applications Varactor Diode
EC2C03C SANYO-EC2C03C Datasheet
27Kb / 3P
Diffused Junction Type Silicon Diode Variable Capacitance Diode for UHF Band VCO
More results

Similar Description - EC2C21

ManufacturerPart #DatasheetDescription
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
6 Watt DC-DC Converters
logo
AIMTEC
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
6 watt dc-dc converters
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
6 watt dc-dc converters
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
5-6 WATT WIDE INPUT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEN5 TRACOPOWER-TEN5 Datasheet
248Kb / 3P
DC/DC Converters TEN 5 Series, 6 Watt
Rev. February 20, 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com