Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3AB21 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EC3AB21
Description  3 WATT WIDE INPUT DC-DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EC3AB21 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EC3AB21 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Remote On/Off Control
Logic Compatibility
Ec-On
Ec-Off
Shutdown Idle Current
Control Common
CMOS or Open Collector TTL
>+5.5 VDC or Open Circuit
<1.8 VDC
10mA
Referenced to Input Minus
3 WATT WIDE INPUT
DC-DC CONVERTERS
EC3AB
EC3AB
S
E
R
I
E
S
Features
• 3W Isolated Output
• Pi Input Filter
• 24-Pin DIP Package
• Continuous Short Circuit Protection
• Efficiency to 80%
• Meets EN55022 Class B, Conducted
• 2:1 Input Range
• Remote ON/OFF Option
• Regulated Outputs
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
% EFF.
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
11
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range........................................................................................................................................12V ...........................................................9-18V
24V .........................................................18-36V
48V .........................................................36-72V
Input Filter...........................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy....................................................................................................................................................................................................
± 2.0% max.
Voltage Balance (Dual)...........................................................................................................................................................................................
± 1.0% max.
Temperature Coefficient.........................................................................................................................................................................................
± 0.05% / ˚C
Ripple and Noise, 20MHz BW....................................................................................................................3.3V / 5V.......................................100mV p-p max.
12V / 15V..............................................1% p-p max.
Short Circuit Protection.............................................................................................................................................................................................Continuous
Line Regulation, Single/Dual1............................................................................................................................................................................................
± 0.5%
Load Regulation, Single2...................................................................................................................................................................................................
± 0.5%
Dual3.....................................................................................................................................................................................................
± 1.0%
GENERAL SPECIFICATIONS:
Efficiency.......................................................................................................................................................................................................................See Table
Isolation Resistance.......................................................................................................................................................................................................109 ohms
Switching Frequency................................................................................................................................................................................................100KHz, min
Operating Temperature Range........................................................................................................................................................................-25
°C to + 71°C
Case Temperature (Plastic case)............................................................................................................................................................................95˚C max.
(Copper case).....................................................................................................................................................................100˚C max.
Cooling.........................................................................................................................................................................................................Free-Air Convection
Storage Temperature Range..........................................................................................................................................................................-40
°C to + 100°C
EMI / RFI.......................................................................................................................................................................Conductive EMI Meet EN55022 Class B
Dimensions ...............................................................................................................................................................................................1.25 x 0.8 x 0.5 inches
(31.8 x 20.3 x 12.7mm)
Weight.......................................................................................................................................................................................................................................15g
ISOLATION VOLTAGE:
500 VDC min....................................................................................................................................................................................................Standard Models
3K VDC min4.......................................................................................................................................................................................................Suffix "H" Models
CASE MATERIAL:
Standard Models ......................................................................................................................................................................Non-Conductive Black Plastic
Suffix "M" Models5........................................................................................................................................................................... Black Coated Copper with
Non-Conductive Base
12
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE A
NOTE:Pin Size is 0.02” Inch (0.5mm) DIA
All Dimensions In Inches(mm)
Tolerance .xx=
±.02, .xxx= ±.010
24
23
22
9
10
11
12
16
15
14
13
1
2
3
5
0.08
(2.0)
BOTTOM
VIEW
0.2
(5.1)
0.15
(3.8)
SEE NOTE
0.60
(15.2)
0.80
(20.3)
0.50
(12.7)
1.25
(31.8)
0.1
(2.5)
EC3AB11
EC3AB12
EC3AB13
EC3AB14
EC3AB15
EC3AB16
EC3AB17
EC3AB21
EC3AB22
EC3AB23
EC3AB24
EC3AB25
EC3AB26
EC3AB27
EC3AB31
EC3AB32
EC3AB33
EC3AB34
EC3AB35
EC3AB36
EC3AB37
9-18 VDC
18-36 VDC
36-72 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
3.3 VDC
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
600 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
600 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
600 mA
7.5 mA
7.5 mA
7.5 mA
12 mA
12 mA
12 mA
7.5 mA
5 mA
5 mA
5 mA
7.5 mA
7.5 mA
7.5 mA
5 mA
2 mA
2 mA
2 mA
3 mA
3 mA
3 mA
3 mA
340 mA
320 mA
329 mA
340 mA
329 mA
333 mA
236 mA
168 mA
156 mA
156 mA
168 mA
156 mA
160 mA
113 mA
82 mA
82 mA
82 mA
82 mA
82 mA
82 mA
58 mA
73
78
76
73
76
75
70
74
80
80
74
80
78
73
76
77
77
76
76
76
71
A
A
A
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single
Dual
Output
Output
Pin
Single
Dual
Output
Output
1
2
3
5
9
10
11
12
13
14
15
16
22
23
24
+V Input
NC
NC
NP
NP
-V Output
+V Output
-V Input
-V Input
+V Output
-V Output
NP
NC
NC
+V Input
+V Input
-V Output
Common
NP
NP
Common
+V Output
-V Input
-V Input
+V Output
Common
NP
Common
-V Output
+V Input
1
2
3
5
9
10
11
12
13
14
15
16
22
23
24
NP
-V Input
-V Input
NP (Remote On/Off)
NC
NC
NC
NP
NP
+V Output
NC
-V Output
+V Input
+V Input
NP
NP
-V Input
-V Input
Common
NC
-V Output
NP
NP
+V Output
NC
Common
+V Input
+V Input
NP
*NP-NO PIN
*NC-NO CONNECTION WITH PIN
NOTE:
1. Measured From High Line to Low Line
2. Measured From Full Load to 10% Load
3. Measured From Full Load to 1/4 Load
4. Non-Conductive Black Plastic Only
5. Suffix "HM" 1.5K VDC Instead of 3K VDC Isolation
6. Suffix "T" to the Model Number with Remote On/Off for "H"/"HM" Versions Only
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
E176177
®
US
H/HM Versions Only
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - EC3AB21

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC3AB21 CINCON-EC3AB21 Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC3AB21

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
20 WATT WIDE INPUT DC-DC CONVERTERS
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3A01 RSG-EC3A01 Datasheet
671Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC5SAW-24S33N CINCON-EC5SAW-24S33N Datasheet
240Kb / 2P
10 WATT WIDE INPUT DC-DC CONVERTERS
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com